Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3404 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3404
Description  Low power considerations for STM8TL5xxx devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3404 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3404 Datasheet HTML 16Page - STMicroelectronics AN3404 Datasheet HTML 17Page - STMicroelectronics AN3404 Datasheet HTML 18Page - STMicroelectronics AN3404 Datasheet HTML 19Page - STMicroelectronics AN3404 Datasheet HTML 20Page - STMicroelectronics AN3404 Datasheet HTML 21Page - STMicroelectronics AN3404 Datasheet HTML 22Page - STMicroelectronics AN3404 Datasheet HTML 23Page - STMicroelectronics AN3404 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
ProxSense and low power modes
AN3404
20/30
Doc ID 018847 Rev 3
6.3
Low power features in the ProxSense peripheral
Power consumption can be reduced in different ways between ProxSense acquisitions. The
ProxSense can be switched off and its clock gated by resetting the PCKENR17 bit in the
CLK_PCKENR1. Consequently, the ProxSense has the following special low-power
features.
6.3.1
LOW_POWER bit
The most efficient way to reduce power consumption between two acquisitions is to set the
LOW_POWER bit in the PXS control register 1 (PXS_CR1). In this case, the ProxSense
clock (HSI_PXS) and the ProxSense regulator are switched off as soon as an acquisition is
completed and the results are still available in the PXS counter register of receiver channel n
(PXS_RXnCNTR).
By switching off the ProxSense regulator, a stabilization delay is introduced at the beginning
of each new acquisition. This delay time depends on the number of enabled PXS_RX pins.
For a few receivers, a 1.7 ms delay must be selected.
For successive acquisitions, it is recommended to reset the LOW_POWER bit and to set the
ProxSense interrupt to a high priority. This saves the stabilization time on the one hand and
greatly reduces the time between the acquisitions while the ProxSense clock and regulator
are set. The LOW_POWER bit must be set again once the last acquisition has been
launched. In this way, the regulator and the clock are switched off as soon as the last
acquisition is completed.
6.3.2
Stabilization time
The stabilization time is needed to ensure the regulator is fully operational at start-up. This
delay can be set at different values in the PXS control register 3 (PXS_CR3). The values
are: 1.7 ms (default), 500 µs or 120 µs.
The more the regulator is loaded, the faster the stabilization. In other words, launching an
acquisition with many receivers enabled speeds up the regulator stabilization. But, it is the
impedance of the receivers that is more important than their number. The best way to check
that the stabilization time is long enough, is to perform two successive acquisitions without
switching off the regulator between them, in ensuring that the ProxSense is off before the
first acquisition. If the results of the two acquisitions are similar, this means the regulator is
correctly stabilized before the first acquisition.
In case of successive acquisitions, in order to select the lowest stabilization time, the
acquisition with the maximum number of receivers must be launched first.
6.3.3
Bias parameter
This is the nominal bias current for the OpAmp which maintains the PXS_RX
n pins at the
final (discharged) voltage while the transmit lines are transitioning (back) low. This function
is valid only for projected capacitance measurements. A higher bias is needed when the
projected capacitance (the capacitance between each Rx line and each Tx line) is high.
This parameter is set in PXS_CR3. The lower its value, the less the consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com