Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3404 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3404
Description  Low power considerations for STM8TL5xxx devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3404 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3404 Datasheet HTML 19Page - STMicroelectronics AN3404 Datasheet HTML 20Page - STMicroelectronics AN3404 Datasheet HTML 21Page - STMicroelectronics AN3404 Datasheet HTML 22Page - STMicroelectronics AN3404 Datasheet HTML 23Page - STMicroelectronics AN3404 Datasheet HTML 24Page - STMicroelectronics AN3404 Datasheet HTML 25Page - STMicroelectronics AN3404 Datasheet HTML 26Page - STMicroelectronics AN3404 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
AN3404
Low power mode management by the STM8TL5x STMTouch Library
Doc ID 018847 Rev 3
23/30
M
Average value targeted when there is no touch
The average value targeted when there is no touch is set in the
TSLPRM_KEY_TARGET_REFERENCE definition. This value defines how long the
acquisition lasts. If this value is set to 1000, the acquisition of a receiver set lasts
approximately 1000 times the ProxSense cycle length. The lower this value, the lower the
consumption but, the lower the key sensitivity.
7.1.2
LOW_POWER bit
The LOW_POWER bit is set if TSLPRM_PXS_LOW_POWER_MODE is defined as 1.
The firmware library detects if several acquisitions are launched successively. In this case,
the LOW_POWER bit is reset until the last acquisition is launched. This avoids having to
wait for the stabilization time at each acquisition.
7.1.3
Stabilization time
The stabilization time is defined by the TSLPRM_PXS_STAB definition. It can be set to:
●
LONG_STAB (default stabilization time) for 1.7 ms
●
MEDIUM_STAB for 500 µs
●
SHORT_STAB for 250 µs
7.1.4
Bias parameter
The bias parameter is defined by the TSLPRM_PXS_BIAS definition. It can be set to:
●
HIGH_BIAS for 10 µA (default bias)
●
MEDIUM_BIAS for 7.5 µA
●
LOW_BIAS for 5 µA
●
VERY_LOW_BIAS for 2.5 µA
Table 4.
ProxSense cycle length
TSLPRM_PXS_UP_LENGTH and
TSLPRM_PXS_PASS_LENGTH value
ProxSense cycle length (in HSI_PXS period)
14
26
38
410
518
634
766



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com