Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3404 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3404
Description  Low power considerations for STM8TL5xxx devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3404 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3404 Datasheet HTML 8Page - STMicroelectronics AN3404 Datasheet HTML 9Page - STMicroelectronics AN3404 Datasheet HTML 10Page - STMicroelectronics AN3404 Datasheet HTML 11Page - STMicroelectronics AN3404 Datasheet HTML 12Page - STMicroelectronics AN3404 Datasheet HTML 13Page - STMicroelectronics AN3404 Datasheet HTML 14Page - STMicroelectronics AN3404 Datasheet HTML 15Page - STMicroelectronics AN3404 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Low power modes
AN3404
12/30
Doc ID 018847 Rev 3
Figure 2.
STM8TL5xxx architecture
1.
Legend: I-Bus = instruction bus, D-Bus = databus, SWIM = single wire interface module; ITC = interrupt
controller
4.6
Wait mode
The STM8TL5xxx devices support two different Wait modes: Wait for interrupt (WFI) and
Wait for event (WFE). Both modes are designed to reduce STM8TL5xxx device power
consumption by switching off the core when it is not used. Wait mode is mainly used when
the STM8TL5xxx is waiting for an external or internal event so that the program execution
can continue.
The polling loop on an associated peripheral flag can be efficiently replaced by a wait
instruction (WFI() or WFE()) after having correctly configured the interrupt related to this flag
or the event in the WFE register.
Wait mode can be combined with peripheral clock gating and a low-speed clock source to
further reduce the power consumption of the device.
Wait mode also offers the lowest wakeup time which is interesting for applications
requesting a fast response time.
4.6.1
Entering Wait mode
Wait mode is entered by executing the WFI or WFE assembly instruction. This stops the
CPU, but other peripherals and the interrupt controller can continue to run. When entering
Wait mode, the global interrupts are automatically enabled.
●
Before entering WFI mode, at least one interrupt must be enabled.
●
Before entering WFE mode, at least one event source must be enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com