Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3404 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN3404
Description  Low power considerations for STM8TL5xxx devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3404 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN3404 Datasheet HTML 20Page - STMicroelectronics AN3404 Datasheet HTML 21Page - STMicroelectronics AN3404 Datasheet HTML 22Page - STMicroelectronics AN3404 Datasheet HTML 23Page - STMicroelectronics AN3404 Datasheet HTML 24Page - STMicroelectronics AN3404 Datasheet HTML 25Page - STMicroelectronics AN3404 Datasheet HTML 26Page - STMicroelectronics AN3404 Datasheet HTML 27Page - STMicroelectronics AN3404 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Low power mode management by the STM8TL5x STMTouch Library
AN3404
24/30
Doc ID 018847 Rev 3
7.1.5
Receiver configuration when disabled
The receivers are configured, when disabled, according to the
TSLPRM_PXS_INACTIVE_RX definition. The respective bit is reset in the receive enable
register (PXS_RXENR). The TSLPRM_PXS_INACTIVE_RX definition can be defined as 0
to drive the receivers to ground or it can be set to 1 to keep them floating.
When the receiver group A is selected, all group B receivers are configured according to the
TSLPRM_PXS_INACTIVE_RX definition.
The receiver PXS_RX pins are fully dedicated to ProxSense acquisition, i.e. they cannot be
used for general purposes and are configured and driven according to the ProxSense
configuration even if they are not used by any of the acquisition banks.
7.1.6
Transmitter configuration when disabled
The transmitters, which are defined in an acquisition bank and not enabled in the Transmit
enable register (PXS_TXENR), are configured according to the
TSLPRM_PXS_INACTIVE_TX definition. The TSLPRM_PXS_INACTIVE_TX definition can
be defined as 0 to drive the transmitters to ground or it can be set to 1 to keep them floating.
The GPIOs which support the transmitter (PXS_TX) alternate function, but which do not
belong to any acquisition bank or acquisition transmitter definition (example, BANK_x_TX)
are not configured by the STM8TL5x STMTouch Library. It is the responsibility of the
application code developer to configure the GPIOs which are not used for ProxSense
acquisition.
7.2
Practical code example
Section 7.2 presents two code examples. Both are based on the STM8TL5x STMTouch
Library. The first example (see Section 7.2.1: Low power management with all acquisition
banks) is a general case using all the acquisition banks as defined by default. The second
example (see Section 7.2.2: Very low power management with proximity detection)
configures the system in a very low power mode using Active-halt mode, with the AWU and
ProxSense waiting for a proximity detection.
7.2.1
Low power management with all acquisition banks
This example shows how to perform all bank acquisitions with minimum code executed by
the application and a maximum time spent in wait mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com