Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0073 Datasheet(PDF) 12 Page - STMicroelectronics

Part # PM0073
Description  STM32Wxxx Flash memory microcontrollers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0073 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button PM0073 Datasheet HTML 8Page - STMicroelectronics PM0073 Datasheet HTML 9Page - STMicroelectronics PM0073 Datasheet HTML 10Page - STMicroelectronics PM0073 Datasheet HTML 11Page - STMicroelectronics PM0073 Datasheet HTML 12Page - STMicroelectronics PM0073 Datasheet HTML 13Page - STMicroelectronics PM0073 Datasheet HTML 14Page - STMicroelectronics PM0073 Datasheet HTML 15Page - STMicroelectronics PM0073 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Reading/programming the STM32Wxxx embedded Flash memory
PM0073
12/34
Doc ID 17766 Rev 5
2
Reading/programming the STM32Wxxx embedded
Flash memory
This section describes how to read from or program to the STM32Wxxx embedded Flash
memory.
2.1
Read operation
The embedded Flash module can be addressed directly, as a common memory space. Any
data read operation accesses the content of the Flash module through dedicated read
senses and provides the requested data.
The read interface consists of a read controller on one side to access the Flash memory and
an AHB interface on the other side to interface with the CPU. The main task of the read
interface is to generate the control signals to read from the Flash memory and to prefetch
the blocks required by the CPU. The prefetch block is only used for instruction fetches over
the I-Code bus. The Literal pool is accessed over the D-Code bus. Since these two buses
have the same Flash memory as target, D-code bus accesses have priority over prefetch
accesses.
2.1.1
Instruction fetch
The Cortex™-M3 core fetches the instruction over the I-Code bus and the literal pool
(constant/data) over the D-code bus. The cache block aims at increasing the
efficiency of the I-Code bus in terms of power consumption and overall access time.
Cache buffer
The device is provided with one line of a direct mapped cache (8 bytes wide). The cache
stores the most recent instruction line read by the Flash memory. To optimize the power
consumption and the overall CPU execution time, it is suggested to enable the cache by
setting bit FLASH_ACR[4] to '1'. Any Flash instruction read access will provide two 32-bit
wide instructions; the first one is directly read by the CPU and the second one will be stored
into the cache making it available for the next CPU instruction request.
Access time tuner
In order to maintain the control signals to read the Flash memory, the ratio of the prefetch
controller clock period to the access time of the Flash memory has to be programmed in the
Flash access control register. This value gives the number of cycles needed to maintain the
control signals of the Flash memory and correctly read the required data. After reset, the
value is zero and only one cycle is required to access the Flash memory.
2.1.2
D-Code interface
The D-Code interface consists of a simple AHB interface on the CPU side and a request
generator to the Arbiter of the Flash access controller. D-code accesses have priority over
prefetch accesses. This interface uses the Access Time Tuner block of the prefetch buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com