Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0073 Datasheet(PDF) 17 Page - STMicroelectronics

Part # PM0073
Description  STM32Wxxx Flash memory microcontrollers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0073 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button PM0073 Datasheet HTML 13Page - STMicroelectronics PM0073 Datasheet HTML 14Page - STMicroelectronics PM0073 Datasheet HTML 15Page - STMicroelectronics PM0073 Datasheet HTML 16Page - STMicroelectronics PM0073 Datasheet HTML 17Page - STMicroelectronics PM0073 Datasheet HTML 18Page - STMicroelectronics PM0073 Datasheet HTML 19Page - STMicroelectronics PM0073 Datasheet HTML 20Page - STMicroelectronics PM0073 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
PM0073
Reading/programming the STM32Wxxx embedded Flash memory
Doc ID 17766 Rev 5
17/34
Mass Erase
The Mass Erase command can be used to completely erase the user pages of the Flash
memory. The information block is unaffected by this procedure. The following sequence is
recommended:
1.
Enable the FPEC clock.
2.
Check that no Flash memory operation is ongoing by checking the BSY bit in the
FLASH_SR register.
3.
Set the MER bit in the FLASH_CR register.
4.
Set the STRT bit in the FLASH_CR register.
5.
Wait for the BSY bit to be reset.
6.
Read all the pages and verify.
Figure 3.
Flash memory Mass Erase procedure
Read FLASH_CR_LOCK
FLASH_CR_LOCK
= 1
Yes
No
Yes
No
Perform unlock sequency
Write into FLASH_CR_MER
to 1
Write FLASH_CR_STRT to 1
FLASH_SR_BSY
= 1
Check the erase operation by
reading all the addresses in
the user memory
Enable FPEC clock
ai14306c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com