Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0073 Datasheet(PDF) 30 Page - STMicroelectronics

Part # PM0073
Description  STM32Wxxx Flash memory microcontrollers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0073 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button PM0073 Datasheet HTML 26Page - STMicroelectronics PM0073 Datasheet HTML 27Page - STMicroelectronics PM0073 Datasheet HTML 28Page - STMicroelectronics PM0073 Datasheet HTML 29Page - STMicroelectronics PM0073 Datasheet HTML 30Page - STMicroelectronics PM0073 Datasheet HTML 31Page - STMicroelectronics PM0073 Datasheet HTML 32Page - STMicroelectronics PM0073 Datasheet HTML 33Page - STMicroelectronics PM0073 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
Register descriptions
PM0073
30/34
Doc ID 17766 Rev 5
3.8
Write protection register (FLASH_WRPR)
Address offset: 0x20
Reset value: 0xFFFF FFFF
3.9
Flash controller clock enable register (FLASH_CLKER)
Address: 0x4000402C
Reset value: 0x0000 0000
Note:
This register is present in wireless line devices only.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
WRP[31:16]
rr
rr
rr
r
r
rr
rr
rr
r
r
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
WRP[15:0]
rr
rr
rr
r
r
rr
rr
rr
r
r
Bits 31:0
WRP: Write protect
This register contains the write-protection option bytes loaded by the OBL.
0: Write protection active
1: Write protection not active
Note: These bits are read-only.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
98765432
10
Reserved
r/w
Bits 31:1 Reserved, must be kept cleared.
Bit 0 EN: Request enabling of FPEC_CLK.
When set, FCLK is set to 12 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com