Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0073 Datasheet(PDF) 26 Page - STMicroelectronics

Part # PM0073
Description  STM32Wxxx Flash memory microcontrollers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0073 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button PM0073 Datasheet HTML 22Page - STMicroelectronics PM0073 Datasheet HTML 23Page - STMicroelectronics PM0073 Datasheet HTML 24Page - STMicroelectronics PM0073 Datasheet HTML 25Page - STMicroelectronics PM0073 Datasheet HTML 26Page - STMicroelectronics PM0073 Datasheet HTML 27Page - STMicroelectronics PM0073 Datasheet HTML 28Page - STMicroelectronics PM0073 Datasheet HTML 29Page - STMicroelectronics PM0073 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
Register descriptions
PM0073
26/34
Doc ID 17766 Rev 5
3.2
FPEC key register (FLASH_KEYR)
Address offset: 0x04
Reset value: xxxx xxxx
Note:
These bits are all write-only and will return a 0 when read.
3.3
Flash OPTKEY register (FLASH_OPTKEYR)
Address offset: 0x08
Reset value: xxxx xxxx
Note:
These bits are all write-only and will return a 0 when read.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
FKEYR[31:16]
wwww
ww
w
w
w
w
w
w
w
w
w
w
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
FKEYR[15:0]
wwww
ww
w
w
w
w
w
w
w
w
w
w
Bits 31:0
FKEYR: FPEC key
These bits represent the keys to unlock the FPEC.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
OPTKEYR[31:16]
wwww
ww
w
w
w
w
w
w
w
w
w
w
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
OPTKEYR[15:0]
wwww
ww
w
w
w
w
w
w
w
w
w
w
Bits 31:0
OPTKEYR: Option byte key
These bits represent the keys to unlock the OPTWRE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com