Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0073 Datasheet(PDF) 29 Page - STMicroelectronics

Part # PM0073
Description  STM32Wxxx Flash memory microcontrollers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0073 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button PM0073 Datasheet HTML 25Page - STMicroelectronics PM0073 Datasheet HTML 26Page - STMicroelectronics PM0073 Datasheet HTML 27Page - STMicroelectronics PM0073 Datasheet HTML 28Page - STMicroelectronics PM0073 Datasheet HTML 29Page - STMicroelectronics PM0073 Datasheet HTML 30Page - STMicroelectronics PM0073 Datasheet HTML 31Page - STMicroelectronics PM0073 Datasheet HTML 32Page - STMicroelectronics PM0073 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
PM0073
Register descriptions
Doc ID 17766 Rev 5
29/34
3.6
Flash address register (FLASH_AR)
Address offset: 0x14
Reset value: 0x0000 0000
Updated by hardware with the currently/last used address. For Page Erase operations, this
should be updated by software to indicate the chosen page.
3.7
Option byte register (FLASH_OBR)
Address offset 0x1C
Reset value: 0x03FF FFFC
Note:
The reset value of this register depends on the value programmed in the option byte and the
OPTERR bit reset value depends on the comparison of the option byte and its complement
during the option byte loading phase.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
FAR[31:16]
www
www
w
w
ww
wwww
w
w
15
14
13
12
11
10
9
8
7654
32
1
0
FAR[15:0]
www
www
w
w
ww
wwww
w
w
Bits 31:0
FAR: Flash Address
Chooses the address to program when programming is selected, or a page to erase when
Page Erase is selected.
Note: Write access to this register is blocked when the BSY bit in the FLASH_SR register is
set.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
98765432
10
Reserved
rr
Bits 31:2 Reserved, must be kept cleared.
Bit 1
RDPRT: Read protection
When set, this indicates that the Flash memory is read-protected.
Note: This bit is read-only.
Bit 0
OPTERR: Option byte error
When set, this indicates that the loaded option byte and its complement do not match. The
corresponding byte and its complement are read as 0xFF in the FLASH_OBR or
FLASH_WRPR register.
Note: This bit is read-only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com