Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0073 Datasheet(PDF) 20 Page - STMicroelectronics

Part # PM0073
Description  STM32Wxxx Flash memory microcontrollers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0073 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button PM0073 Datasheet HTML 16Page - STMicroelectronics PM0073 Datasheet HTML 17Page - STMicroelectronics PM0073 Datasheet HTML 18Page - STMicroelectronics PM0073 Datasheet HTML 19Page - STMicroelectronics PM0073 Datasheet HTML 20Page - STMicroelectronics PM0073 Datasheet HTML 21Page - STMicroelectronics PM0073 Datasheet HTML 22Page - STMicroelectronics PM0073 Datasheet HTML 23Page - STMicroelectronics PM0073 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Reading/programming the STM32Wxxx embedded Flash memory
PM0073
20/34
Doc ID 17766 Rev 5
The Flash memory is protected when the RDP option byte and its complement contain the
pair of values shown in Table 6: Flash memory protection status.
Note:
Erasing the option byte block will not trigger a Mass Erase as the erased value (0xFF)
corresponds to a protected value.
Unprotection
To disable the read protection from the embedded SRAM:
1.
Program the read protection code (RDP) 0x00A5 to protect the memory. This operation
will fail since the option bytes are not erased, but it will force a Mass Erase of the main
Flash memory which will work regardless of the status of the write protection bytes.
2.
Erase the entire option byte area. As a result, the RDP will be 0xFF. At this stage, the
read protection is still enabled.
3.
Program the correct RDP code 0x00A5 to unprotect the memory. This operation first
forces a Mass Erase of the main Flash memory.
4.
Reset the device (POR Reset) to reload the option bytes (and the new RDP code), and
to disable the read protection.
Note:
The read protection can be disabled using the bootloader (in this case, only a System Reset
is necessary to reload the option bytes). For more details, refer to AN2606.
2.3.2
Write protection
Write protection is implemented with a granularity of:
●
four pages per bit for 64- and 128-Kbyte Flash memory devices,
●
two pages per bit for 192- and 256-Kbyte Flash memory devices.
If a program or an erase operation is performed on a protected page, the Flash memory
returns a protection error flag on the Flash memory Status Register (FLASH_SR).
The write protection is activated by configuring the WRP[3:0] option bytes, and then by
applying a system reset to reload the new WRPx option bytes.
Unprotection
To disable the write protection, two application cases are provided:
Case 1 - Read protection disabled after the write unprotection:
1.
Erase the entire option byte area by using the OPTER bit in the Flash memory control
register (FLASH_CR).
2.
Program the correct RDP code 0x00A5 to unprotect the memory. This operation first
forces a Mass Erase of the main Flash memory.
3.
Reset the device (system reset) to reload the option bytes (and the new WRP[3:0]
bytes), and to disable the write protection.
Table 6.
Flash memory protection status
RDP byte value
RDP complement value
Read protection status
0xFF
0xFF
Protected
RDPRT
Complement of RDP byte
Not protected
Any value
Not the complement value of RDP
Protected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com