Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0073 Datasheet(PDF) 5 Page - STMicroelectronics

Part # PM0073
Description  STM32Wxxx Flash memory microcontrollers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0073 Datasheet(HTML) 5 Page - STMicroelectronics

  PM0073 Datasheet HTML 1Page - STMicroelectronics PM0073 Datasheet HTML 2Page - STMicroelectronics PM0073 Datasheet HTML 3Page - STMicroelectronics PM0073 Datasheet HTML 4Page - STMicroelectronics PM0073 Datasheet HTML 5Page - STMicroelectronics PM0073 Datasheet HTML 6Page - STMicroelectronics PM0073 Datasheet HTML 7Page - STMicroelectronics PM0073 Datasheet HTML 8Page - STMicroelectronics PM0073 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
PM0073
Doc ID 17766 Rev 5
5/34
Glossary
This section gives a brief definition of acronyms and abbreviations used in this document:
The ARM® Cortex™-M3 core integrates two debug ports:
JTAG debug port (JTAG-DP) provides a 5-pin standard interface based on the
Joint Test Action Group (JTAG) protocol.
SWD debug port (SWD-DP) provides a 2-pin (clock and data) interface based on
the Serial Wire Debug (SWD) protocol.
For both JTAG and SWD protocols, please refer to the Cortex M3 Technical
Reference Manual.
Word: data/instruction of 32-bit length
Half word: data/instruction of 16-bit length
Byte: data of 8-bit length
FPEC (Flash memory program/erase controller): write operations to the main memory
and the information block are managed by an embedded Flash program/erase
controller (FPEC).
IAP (in-application programming): IAP is the ability to re-program the Flash memory of
a microcontroller while the user program is running.
ICP (in-circuit programming): ICP is the ability to program the Flash memory of a
microcontroller using the JTAG protocol, the SWD protocol or the bootloader while the
device is mounted on the user application board.
I-Code: this bus connects the Instruction bus of the Cortex™-M3 core to the Flash
instruction interface. Prefetch is performed on this bus.
D-Code: this bus connects the D-Code bus (literal load and debug access) of the
Cortex™-M3 to the Flash Data Interface.
Option bytes: product configuration bits stored in the Flash memory
OBL: option byte loader.
AHB: advanced high-performance bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com