Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1653 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM1653
Description  STM32 Advanced NAND Flash Driver for SLC NAND
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1653 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM1653 Datasheet HTML 3Page - STMicroelectronics UM1653 Datasheet HTML 4Page - STMicroelectronics UM1653 Datasheet HTML 5Page - STMicroelectronics UM1653 Datasheet HTML 6Page - STMicroelectronics UM1653 Datasheet HTML 7Page - STMicroelectronics UM1653 Datasheet HTML 8Page - STMicroelectronics UM1653 Datasheet HTML 9Page - STMicroelectronics UM1653 Datasheet HTML 10Page - STMicroelectronics UM1653 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
DocID025024 Rev 1
7/45
UM1653
STM32 NAND driver blocks
44
1.2
USB mass storage
The USB device is provided to the host as a particular class, which determines how the host
cross reacts with the embedded system.
In our case, the USB device must appear in the driver as a Mass Storage Class USB, which
defines that SCSI commands will be used with the protocol “bulk-only transport” (BOT).
Bulk-only-transport (BOT)
A general BOT transaction is based on a simple basic state machine. It begins with ready
state (idle state) and if a CBW is received from the host three cases can be managed:
DATA-OUT-STAGE: when direction flag is set to 0, Device shall prepare itself to receive
an amount of data indicated in dCBWDataTransferLength in the CBW block. At the end
of data transfer a CSW is returned with the remaining data length and the STATUS
field.
DATA-IN-STAGE: when direction flag is set to 1, Device shall prepare itself to send an
amount of data indicated in dCBWDataTransferLength in the CBW block. At the end of
data transfer a CSW is returned with the remaining data length and the STATUS field.
ZERO DATA: no data stage is needed so CSW block is sent immediately after CBW.
The BOT transport protocol encapsulates SCSI commands and transfers them in three
steps:
1.
Send the command block CBW.
2.
Transfer data.
3.
Return the status of the block CSW.
Figure 2. BOT protocol architecture
MS33216V1
Ready
Command transport
CBW
Data In
Data Out
Status
Transport



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com