Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1653 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM1653
Description  STM32 Advanced NAND Flash Driver for SLC NAND
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1653 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM1653 Datasheet HTML 5Page - STMicroelectronics UM1653 Datasheet HTML 6Page - STMicroelectronics UM1653 Datasheet HTML 7Page - STMicroelectronics UM1653 Datasheet HTML 8Page - STMicroelectronics UM1653 Datasheet HTML 9Page - STMicroelectronics UM1653 Datasheet HTML 10Page - STMicroelectronics UM1653 Datasheet HTML 11Page - STMicroelectronics UM1653 Datasheet HTML 12Page - STMicroelectronics UM1653 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
DocID025024 Rev 1
9/45
UM1653
STM32 NAND driver blocks
44
1.4
NAND architecture
NAND is a non-volatile Flash memory device where address lines are multiplexed with data
input/output as well as with commands input.
NAND Flash consists of a number of blocks. Each block consists of a number of pages,
typically 32 or 64.
Pages can be written individually, one at a time. When writing to a page, bits can only
be written from 1 to 0.
The erase operation is done by block. Erase operation makes all the memory bits of all
the pages in the block to logical 1.
The small NAND Flash contains 528-byte pages (512 data area and 16 byte spare area).
The page size for 2K NAND is 2112 (2048 data and 64 spare area).
The page size for 4K NAND is 4224 (4096 data and 128 spare area).
The page size for 8K NAND is 8448 (8192 data and 256 spare area).
Figure 3. NAND block architecture
The spare area contains information about the page and the code error correction:
For small page (512 + 16 Byte) NAND Flash:
For Large page (2048 + 64 Byte) NAND Flash:
Table 1. Spare area format for small NAND Flash
Logical Index
Block Status
Data Status
Wear Leveling counter
ECC
Table 2. Spare area format for large NAND Flash
Block Status
Data Status
Logical Index
Wear Leveling counter
ECC
MS33217V1
Page 0
Page 1
Page m
Physical block
Block 0
Block 1
Block N
Block N-1
Physical zone
Data
+
Spare area
Data
Spare area
2K Physical pages
512 Physical page (unit)
0x000
0x83F
0X000
0x200
0x20F
or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com