Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1653 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM1653
Description  STM32 Advanced NAND Flash Driver for SLC NAND
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1653 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM1653 Datasheet HTML 6Page - STMicroelectronics UM1653 Datasheet HTML 7Page - STMicroelectronics UM1653 Datasheet HTML 8Page - STMicroelectronics UM1653 Datasheet HTML 9Page - STMicroelectronics UM1653 Datasheet HTML 10Page - STMicroelectronics UM1653 Datasheet HTML 11Page - STMicroelectronics UM1653 Datasheet HTML 12Page - STMicroelectronics UM1653 Datasheet HTML 13Page - STMicroelectronics UM1653 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
STM32 NAND driver blocks
UM1653
10/45
DocID025024 Rev 1
The Logical Index contains the logical address of the block.
The Block Status returns the status of the block if it is valid or not.
The Data Status informs if the page is valid or invalid.
Wear Leveling Counter is the number of times the block has been erased.
The ECC is the error correction code calculated for each page.
NAND INTERFACE
x8 or x16 bus width
Multiplexed Address/ Data
Pinout compatibility for all densities
SUPPLY VOLTAGE
1.8V device: VCC = 1.65 to 1.95V
3.0V device: VCC = 2.7 to 3.6V
PAGE SIZE
x8 device: (512 + 16 spare) Bytes
x16 device: (256 + 8 spare) Words
x8 device: (2048 + 64 spare) Bytes
x16 device: (1024 + 32 spare) Words
1.5
NAND pin mapping
I/O 8-15
Data Input/Outputs: for x16 devices. The I/O pins are used to input data,
address, command and output data during read operation.
I/O 0-7
Data Input/Outputs: Address Inputs, or Command Inputs for x8 and x16 devices.
ALE
Address Latch Enable: When active, an address can be written.
CLE
Command Latch Enable: This pin should be LOW while writing commands to the
command register.
CE/
Chip Enable: The CE input enables the device. Signal is active low. If the signal
is inactive the device will be in standby.
RE/
Read Enable: The RE input is the serial data out control. Signal is active low to
out data.
RB/
Ready/Busy (open-drain output) The RB output provides the status of the device
operation. It is an open drain output, hence should be connected to a GPIO with
pull-up.
LOW: a program, erase or read operation is in process.
HIGH: the process is complete.
WE/
Write Enable: The WE input controls write operations to I/O port. Commands,
data and address are latched on the rising edge of WE.
WP/
Write Protect: Typically connected to Vcc, but may also be connected to a GPIO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com