Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1653 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM1653
Description  STM32 Advanced NAND Flash Driver for SLC NAND
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1653 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM1653 Datasheet HTML 18Page - STMicroelectronics UM1653 Datasheet HTML 19Page - STMicroelectronics UM1653 Datasheet HTML 20Page - STMicroelectronics UM1653 Datasheet HTML 21Page - STMicroelectronics UM1653 Datasheet HTML 22Page - STMicroelectronics UM1653 Datasheet HTML 23Page - STMicroelectronics UM1653 Datasheet HTML 24Page - STMicroelectronics UM1653 Datasheet HTML 25Page - STMicroelectronics UM1653 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
NAND driver firmware modules
UM1653
22/45
DocID025024 Rev 1
Table 16. WriteSpareArea
Function name
WriteSpareArea.
Prototype
uint16_t WriteSpareArea (uint32_t address,
uint8_t *buff)
Behavior description
Page Number in multiple of 512 Byte.
Input parameter
address: Corresponding Page Number of Spare Area to be read.
buff: Pointer to the data to be written in SPARE AREA.
Output parameter
Status of WriteSpareArea. This parameter can be:
– NAND_OK: when Write SPARE AREA is successful.
– NAND_FAIL: when Write SPARE AREA fails to Write.
Table 17. NAND_Copy
Function name
NAND_Copy.
Prototype
uint16_t NAND_Copy (NAND_ADDRESS Address_Src,
NAND_ADDRESS Address_Dest,
uint16_t PageToCopy)
Behavior description
Copies pages from source to destination.
Input parameter
Address_Src: Source Address.
Address_Dest: Destination Address.
PageToCopy: Number of Page to copy.
Output parameter
Status of NAND Copy. This parameter can be:
– NAND_OK: when the NAND copy is successful
– NAND_FAIL: when NAND fails to copy.
Table 18. NAND_CopyBack
Function name
NAND_CopyBack.
Prototype
uint16_t NAND_CopyBack (NAND_ADDRESS Address_Src,
NAND_ADDRESS Address_Dest,
uint16_t PageToCopy)
Behavior description
Copies pages from Source to Destination. (Source & Destination address
must have same page number).
Input parameter
Address_Src: Source Address.
Address_Dest: Destination Address.
PageToCopy: Number of Page to copy
Output parameter
Status of NAND Copy. This parameter can be:
– NAND_OK: when the NAND copy is successful
– NAND_FAIL: when NAND fails to copy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com