Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1653 Datasheet(PDF) 29 Page - STMicroelectronics

Part # UM1653
Description  STM32 Advanced NAND Flash Driver for SLC NAND
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1653 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button UM1653 Datasheet HTML 25Page - STMicroelectronics UM1653 Datasheet HTML 26Page - STMicroelectronics UM1653 Datasheet HTML 27Page - STMicroelectronics UM1653 Datasheet HTML 28Page - STMicroelectronics UM1653 Datasheet HTML 29Page - STMicroelectronics UM1653 Datasheet HTML 30Page - STMicroelectronics UM1653 Datasheet HTML 31Page - STMicroelectronics UM1653 Datasheet HTML 32Page - STMicroelectronics UM1653 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
DocID025024 Rev 1
29/45
UM1653
NAND driver firmware modules
44
Table 42. FSMC_NAND_WriteSmallPage
Function name
FSMC_NAND_WriteSmallPage.
Prototype
uint32_t FSMC_NAND_WriteSmallPage(uint8_t *pBuffer,
NAND_ADDRESS Address,
uint32_t NumPageToWrite)
Behavior description
Writes one or several 512 Bytes Page size.
Input parameter
pBuffer: pointer on the Buffer containing data to be written.
Address: First page address.
NumPageToWrite: Number of page to write.
Output parameter
New status of the NAND operation. This parameter can be:
– NAND_TIMEOUT_ERROR: when the previous operation generate a
Timeout error.
– NAND_READY: when memory is ready for the next operation
New status of the increment address operation. It can be:
– NAND_VALID_ADDRESS: When the new address is valid.
– NAND_INVALID_ADDRESS: When the new address is invalid.
Table 43. FSMC_NAND_ReadSmallPage
Function name
FSMC_NAND_ReadSmallPage.
Prototype
uint32_t FSMC_NAND_ReadSmallPage(uint8_t *pBuffer,
NAND_ADDRESS Address,
uint32_t NumPageToRead)
Behavior description
Sequential read from one or several 512 Bytes Page size.
Input parameter
pBuffer: pointer on the Buffer to fill.
Address: First page address.
NumPageToRead: Number of page to read.
Output parameter
New status of the NAND operation. This parameter can be:
– NAND_TIMEOUT_ERROR: when the previous operation generate a
Timeout error.
– NAND_READY: when memory is ready for the next operation.
New status of the increment address operation. It can be:
– NAND_VALID_ADDRESS: When the new address is valid.
– NAND_INVALID_ADDRESS: When the new address is invalid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com