Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1653 Datasheet(PDF) 39 Page - STMicroelectronics

Part # UM1653
Description  STM32 Advanced NAND Flash Driver for SLC NAND
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1653 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button UM1653 Datasheet HTML 35Page - STMicroelectronics UM1653 Datasheet HTML 36Page - STMicroelectronics UM1653 Datasheet HTML 37Page - STMicroelectronics UM1653 Datasheet HTML 38Page - STMicroelectronics UM1653 Datasheet HTML 39Page - STMicroelectronics UM1653 Datasheet HTML 40Page - STMicroelectronics UM1653 Datasheet HTML 41Page - STMicroelectronics UM1653 Datasheet HTML 42Page - STMicroelectronics UM1653 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
DocID025024 Rev 1
39/45
UM1653
NAND evaluation board
44
Figure 15. USB High Speed schematic
Figure 16. Touch Screen schematic
XTAL1
XTAL2
USB5V_HS
PB12_OTG_HS_ULPI_D5
PA3_OTG_HS_ULPI_D0
PB0_OTG_HS_ULPI_D1
PB1_OTG_HS_ULPI_D2
PB13_OTG_HS_ULPI_D6
PB5_OTG_HS_ULPI_D7
PB10_OTG_HS_ULPI_D3
PB11_OTG_HS_ULPI_D4
3V3
3V3_HS
C43
0.1uF
C43
0.1uF
R52
0
R52
0
D6
LED_GREEN
D6
LED_GREEN
C42
0.1uF
C42
0.1uF
C27
0.1uF
C27
0.1uF
C36
4.7uF
C36
4.7uF
C28
0.1uF
C28
0.1uF
R47
820
R47
820
C30
0.1uF
C30
0.1uF
L1
BEAD
L1
BEAD
C41
33pF
C41
33pF
C29
0.1uF
C29
0.1uF
Y2
24MHz
Y2
24MHz
C44
4.7uF
C44
4.7uF
R44
1K
R44
1K
R50
1M
R50
1M
C46
4.7uF
C46
4.7uF
C45
33pF
C45
33pF
U6
USB3300
U6
USB3300
RBIAS
32
GND
1
GND
2
CPEN
3
VBUS
4
ID
5
DP
7
GNDPAD
33
DATA7
17
DATA6
18
DATA5
19
DATA4
20
DATA3
21
DATA2
22
DATA1
23
DATA0
24
EXTVBUS
10
DM
8
R43
10K
R43
10K
R46
12K
R46
12K
J7
J7
USB_VCC
1
USBDM
2
USBDP
3
USB_GND
5
SHELL
6
SHELL
7
ID
4
MS33226V1
MS33227V1
SDAT
PB6_I2C1_SCL
3V3
PB7_I2C1_SDA
3V3
AGND
AGND
AGND
3V3
TSC_YD
SDAT
AGND
TSC_XR
SCLK
TSC_YU
TSC_XL
3V3
AGND
SCLK
GND
AGND
R53
22
R53
22
C37
1uF
C37
1uF
R49
4.7K
R49
4.7K
R54
10k
R54
10k
R57
0
R57
0
U7
STMPE811
U7
STMPE811
SDAT
5
VCC
6
DATA_IN
7
IN0
8
X+
13
VIO
14
Y+
15
X-
16
C40
10uF
C40
10uF
C47
100nF
C47
100nF
C31
2pF
C31
2pF
C38
100nF
C38
100nF
C39
100nF
C39
100nF
C34
2pF
C34
2pF
L2
BEAD
L2
BEAD
R51
22
R51
22
C33
2pF
C33
2pF
R48
4.7K
R48
4.7K
C32
2pF
C32
2pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com