Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1653 Datasheet(PDF) 40 Page - STMicroelectronics

Part # UM1653
Description  STM32 Advanced NAND Flash Driver for SLC NAND
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1653 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button UM1653 Datasheet HTML 36Page - STMicroelectronics UM1653 Datasheet HTML 37Page - STMicroelectronics UM1653 Datasheet HTML 38Page - STMicroelectronics UM1653 Datasheet HTML 39Page - STMicroelectronics UM1653 Datasheet HTML 40Page - STMicroelectronics UM1653 Datasheet HTML 41Page - STMicroelectronics UM1653 Datasheet HTML 42Page - STMicroelectronics UM1653 Datasheet HTML 43Page - STMicroelectronics UM1653 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
NAND evaluation board
UM1653
40/45
DocID025024 Rev 1
Figure 17. TFT Connector schematic
Figure 18. Power schematic
MS33228V1
PD4_FSMC_NOE
PE7_FSMC_D4
GND
PD9_FSMC_D14
PE14_FSMC_D11
TSC_XR
PF0_FSMC_ADDR_A0
PE11_FSMC_D8
PE8_FSMC_D5
PD10_FSMC_D15
GND
PE12_FSMC_D9
TSC_YU
PD0_FSMC_D2
TSC_YD
3V3
PE15_FSMC_D12
PD5_FSMC_NWE
PE9_FSMC_D6
PD1_FSMC_D3
3V3
GND
PD8_FSMC_D13
5V0
PD14_FSMC_D0
PG10_FSMC_NE3
NRST
PE13_FSMC_D10
PE10_FSMC_D7
TSC_XL
5V0
PD15_FSMC_D1
J6
CONNECTOR20x2
J6
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
35
36
37
38
39
40
MS33229V1
USB5V_FS
3V3
GND
5V0
GND
3V3
USB5V_HS
D4
STPS1L30U
D4
STPS1L30U
C35
100nF
C35
100nF
D7
LED_GREEN
D7
LED_GREEN
R45
1k
R45
1k
U5
LD1117D33 TR
U5
LD1117D33 TR
VIN
4
NC
5
VOUT
6
GND
1
VOUT
2
VOUT
3
VOUT
7
NC
8
C26
10uF
C26
10uF
C48
10uF
C48
10uF
D5
STPS1L30U
D5
STPS1L30U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com