Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1618 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1618
Description  Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1618 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1618 Datasheet HTML 4Page - Linear Technology LT1618 Datasheet HTML 5Page - Linear Technology LT1618 Datasheet HTML 6Page - Linear Technology LT1618 Datasheet HTML 7Page - Linear Technology LT1618 Datasheet HTML 8Page - Linear Technology LT1618 Datasheet HTML 9Page - Linear Technology LT1618 Datasheet HTML 10Page - Linear Technology LT1618 Datasheet HTML 11Page - Linear Technology LT1618 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT1618
8
sn1618 1618fas
APPLICATIONS INFORMATION
Figure 3
LOAD
VOUT
L1
SWITCH
NODE
1618 • F03
VIN
HIGH
FREQUENCY
CIRCULATING
PATH
When sensing input current, the sense resistor should be
placed in front of the inductor (between the decoupling
capacitor and the inductor) as shown in the circuits in the
Typical Applications section. This will regulate the average
inductor current and maintain a consistent inductor ripple
current, which will, in turn, maintain a well regulated input
current. Do not place the sense resistor between the input
source and the input decoupling capacitor, as this may
allow the inductor ripple current to vary widely (even
though the average input current and the average inductor
current will still be regulated). Since the inductor current
is a triangular waveform (not a DC waveform like the
output current) some tweaking of the compensation
values (RC and CC on the VC pin) may be required to ensure
a clean inductor ripple current while the constant-current
loop is in effect. For these applications, the constant-
current loop response can usually be improved by reduc-
ing the RC value, or by adding a capacitor (with a value of
approximately CC/10) in parallel with the RC and CC
compensation network.
Frequency Compensation
The LT1618 has an external compensation pin (VC), which
allows the loop response to be optimized for each applica-
tion. An external resistor and capacitor (or sometimes just
a capacitor) are placed at the VC pin to provide a pole and
a zero (or just a pole) to ensure proper loop compensation.
Numerous other poles and zeroes are present in the closed
loop transfer function of a switching regulator, so the VC
pin pole and zero are positioned to provide the best loop
response. A thorough analysis of the switching regulator
control loop is not within the scope of this data sheet, and
will not be presented here, but values of 2kΩ and 10nF will
be a good choice for many designs. For those wishing to
optimize the compensation, use the 2kΩ and 10nF as a
starting point. For LED backlight applications where a
pulse-width modulation (PWM) signal is used to drive
the IADJ pin, the resistor is usually not included in the
compensation network. This helps to provide additional
filtering of the PWM signal at the output of the error
amplifier (the VC pin).
Switch Node Considerations
To maximize efficiency, switch rise and fall times are made
as short as possible. To prevent radiation and high fre-
quency resonance problems, proper layout of the high
frequency switching path is essential. Keep the output
switch (SW pin), diode and output capacitor as close
together as possible. Minimize the length and area of all
traces connected to the switch pin, and always use a
ground plane under the switching regulator to minimize
interplane coupling. The high speed switching current
path is shown in Figure 3. The signal path including the
switch, output diode and output capacitor contains nano-
second rise and fall times and should be kept as short as
possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com