Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1618 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1618
Description  Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1618 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1618 Datasheet HTML 2Page - Linear Technology LT1618 Datasheet HTML 3Page - Linear Technology LT1618 Datasheet HTML 4Page - Linear Technology LT1618 Datasheet HTML 5Page - Linear Technology LT1618 Datasheet HTML 6Page - Linear Technology LT1618 Datasheet HTML 7Page - Linear Technology LT1618 Datasheet HTML 8Page - Linear Technology LT1618 Datasheet HTML 9Page - Linear Technology LT1618 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT1618
6
sn1618 1618fas
Capacitor Selection
Low ESR (equivalent series resistance) capacitors should
be used at the output to minimize the output ripple voltage.
Multilayer ceramic capacitors are an excellent choice.
They have an extremely low ESR and are available in very
small packages. X5R and X7R dielectrics are preferred, as
these materials retain their capacitance over wider voltage
and temperature ranges than other dielectrics. A 4.7µF to
10µF output capacitor is sufficient for high output current
designs. Converters with lower output currents may need
only a 1µF or 2.2µF output capacitor. Solid tantalum or
OSCON capacitors can be used, but they will occupy more
board area than a ceramic and will have a higher ESR for
APPLICATIONS INFORMATION
Inductor Selection
Several inductors that work well with the LT1618 are listed
in Table 1, although there are many other manufacturers
and devices that can be used. Consult each manufacturer
for more detailed information and for their entire selection
of related parts. Many different sizes and shapes are
available. Ferrite core inductors should be used to obtain
the best efficiency, as core losses at 1.4MHz are much
lower for ferrite cores than for the cheaper powdered-iron
ones. Choose an inductor that can handle the necessary
peak current without saturating, and ensure that the
inductor has a low DCR (copper-wire resistance) to mini-
mize I2R power losses. A 4.7µH or 10µH inductor will be
a good choice for many LT1618 designs.
Table 1. Recommended Inductors
L
MAX
HEIGHT
PART
(µH)
(mΩ)
(mm)
VENDOR
CDRH5D18-4R1
4.1
57
2.0
Sumida
CDRH5D18-100
10
124
2.0
(847) 956-0666
CR43-2R2
2.2
71
3.5
www.sumida.com
CR43-4R7
4.7
109
3.5
CR43-100
10
182
3.5
CR54-100
10
100
4.8
LQH3C1R0M24
1.0
78
2.0
Murata
LQH3C2R2M24
2.2
126
2.0
(814) 237-1431
LQH3C4R7M24
4.7
260
2.0
www.murata.com
the same footprint device. Always use a capacitor with a
sufficient voltage rating.
Ceramic capacitors also make a good choice for the input
decoupling capacitor, which should be placed as close as
possible to the VIN pin of the LT1618. A 1µF to 4.7µF input
capacitor is sufficient for most applications. Table 2 shows
a list of several ceramic capacitor manufacturers. Consult
the manufacturers for detailed information on their entire
selection of ceramic parts.
Table 2. Recommended Ceramic Capacitor Manufacturers
VENDOR
PHONE
URL
Taiyo Yuden
(408) 573-4150
www.t-yuden.com
Murata
(814) 237-1431
www.murata.com
Kemet
(408) 986-0424
www.kemet.com
Diode Selection
Schottky diodes, with their low forward voltage drop and
fast switching speed, are the ideal choice for LT1618
applications. Table 3 shows several Schottky diodes that
work well with the LT1618. Many different manufacturers
make equivalent parts, but make sure that the component
chosen has a sufficient current rating and a voltage rating
greater than the output voltage. The diode conducts cur-
rent only when the power switch is turned off (typically
less than half the time), so a 0.5A or 1A diode will be
sufficient for most designs. The companies below also
offer Schottky diodes with higher voltage and current
ratings.
Table 3. Recommended Schottky Diodes
1A PART
0.5A PART
VENDOR
PHONE/URL
UPS120
Microsemi
(510) 353-0822
UPS130
www.microsemi.com
UPS140
MBRM120
MBR0520
ON Semiconductor (800) 282-9855
MBRM130
MBR0530
www.onsemi.com
MBRM140
MBR0540
B120
B0520
Diodes, Inc
(805) 446-4800
B130
B0530
www.diodes.com
B140
B0540



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com