Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1618 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1618
Description  Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1618 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1618 Datasheet HTML 7Page - Linear Technology LT1618 Datasheet HTML 8Page - Linear Technology LT1618 Datasheet HTML 9Page - Linear Technology LT1618 Datasheet HTML 10Page - Linear Technology LT1618 Datasheet HTML 11Page - Linear Technology LT1618 Datasheet HTML 12Page - Linear Technology LT1618 Datasheet HTML 13Page - Linear Technology LT1618 Datasheet HTML 14Page - Linear Technology LT1618 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT1618
11
sn1618 1618fas
TYPICAL APPLICATIONS
Li Ion White LED Driver
SHDN
IADJ
GND
VC
VIN
SW
ISN
ISP
FB
LT1618
R1
2M
R2
100k
VIN
2.7V TO 5V
10kHz TO 50kHz
PWM
BRIGHTNESS
ADJUST
C1
4.7µF
CC
0.1µF
C2
1µF
1618 • TA04
2.49Ω
D1
L1
10µH
20mA
3
2
1
9
87
510
4
R3
5.1k
C3
0.1µF
C1: TAIYO YUDEN JMK212BJ475
(408) 573-4150
C2: TAIYO YUDEN TMK316BJ105
(408) 573-4150
D1: ON SEMICONDUCTOR MBR0530
(800) 282-9855
L1: SUMIDA CLQ4D10-100
(847) 956-0666
White LED Driver for 20 LEDs
SHDN
IADJ
GND
VC
VIN
SW
ISN
ISP
FB
LT1618
R1
2M
R2
121k
VIN
2.7V TO 5V
10kHz TO 50kHz
PWM
BRIGHTNESS
ADJUST
C1
4.7µF
CC
0.1µF
C2
1µF
1618 • TA05
0.619Ω
D1
L1
10µH
80mA
3
2
1
9
87
510
4
R3
5.1k
C3
0.1µF
51Ω
51Ω
51Ω
51Ω
C1: TAIYO YUDEN JMK212BJ475
(408) 573-4150
C2: TAIYO YUDEN TMK316BJ105
(408) 573-4150
D1: ON SEMICONDUCTOR MBR0530
(800) 282-9855
L1: SUMIDA CR43-100
(847) 956-0666



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com