Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1618 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1618
Description  Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1618 Datasheet(HTML) 5 Page - Linear Technology

  LT1618 Datasheet HTML 1Page - Linear Technology LT1618 Datasheet HTML 2Page - Linear Technology LT1618 Datasheet HTML 3Page - Linear Technology LT1618 Datasheet HTML 4Page - Linear Technology LT1618 Datasheet HTML 5Page - Linear Technology LT1618 Datasheet HTML 6Page - Linear Technology LT1618 Datasheet HTML 7Page - Linear Technology LT1618 Datasheet HTML 8Page - Linear Technology LT1618 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT1618
5
sn1618 1618fas
1.4MHz
OSCILLATOR
DRIVER
–
+
–
+
+
+
–
–
+
×5
Σ
Q
Q1
S
R
–
+
A1
×25
5
10
3
2
8
7
9
1.263V
4
1
SHDN
IADJ
GND
VC
RC
CC
VIN
SW
ISN
ISP
FB
A2
A3
0.02Ω
C1
C2
RSENSE
VOUT
VIN
R1
R2
L1
D1
Figure 1. LT1618 Block Diagram
BLOCK DIAGRA
OPERATIO
The LT1618 uses a constant frequency, current mode
control scheme to provide excellent line and load regula-
tion. Operation can be best understood by referring to the
Block Diagram in Figure 1. At the start of each oscillator
cycle, the SR latch is set, turning on power switch Q1. The
signal at the noninverting input of PWM comparator A3 is
a scaled-down version of the switch current (summed
together with a portion of the oscillator ramp). When this
signal reaches the level set by the output of error amplifier
A2, comparator A3 resets the latch and turns off the power
switch. In this manner, A2 sets the correct peak current
level to keep the output in regulation. If the error amplifier’s
output increases, more current is delivered to the output;
if it decreases, less current is delivered. A2 has two
inverting inputs, one from the voltage feedback loop, and
one from the current feedback loop. Whichever inverting
input is higher takes precedence, forcing the converter
into either a constant-current or a constant-voltage mode.
The LT1618 is designed to transition cleanly between the
two modes of operation. Current sense amplifier A1 senses
the voltage between the ISP and ISN pins and provides a
25× level-shifted version to error amplifier A2. When the
voltage between ISP and ISN reaches 50mV, the output of
A1 provides 1.263V to one of the noninverting inputs of A2
and the converter is in constant-current mode. If the
current sense voltage exceeds 50mV, the output of A1 will
increase causing the output of A2 to decrease, thus
reducing the amount of current delivered to the output. In
this manner the current sense voltage is regulated to
50mV. Similarly, if the FB pin increases above 1.263V, the
output of A2 will decrease to reduce the peak current level
and regulate the output (constant-voltage mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com