Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1618 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1618
Description  Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1618 Datasheet(HTML) 3 Page - Linear Technology

  LT1618 Datasheet HTML 1Page - Linear Technology LT1618 Datasheet HTML 2Page - Linear Technology LT1618 Datasheet HTML 3Page - Linear Technology LT1618 Datasheet HTML 4Page - Linear Technology LT1618 Datasheet HTML 5Page - Linear Technology LT1618 Datasheet HTML 6Page - Linear Technology LT1618 Datasheet HTML 7Page - Linear Technology LT1618 Datasheet HTML 8Page - Linear Technology LT1618 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT1618
3
sn1618 1618fas
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (°C)
–50
125
1618 G02
0
75
1.270
1.265
1.260
1.255
1.250
4
2
0
–2
–4
–25
25
50
100
VOLTAGE
CURRENT
TEMPERATURE (°C)
–50
125
1618 G03
0
75
2.5
2.0
1.5
1.0
0.5
0
–25
25
50
100
TEMPERATURE (°C)
–50
125
1618 G04
0
75
52
51
50
49
48
–25
25
50
100
IADJ PIN VOLTAGE (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1618 G05
60
50
40
30
20
10
0
TEMPERATURE (°C)
–50
125
1618 G06
0
75
2.5
2.0
1.5
1.0
0.5
0
–25
25
50
100
VIN = 18V
VIN = 1.6V
FB Pin Voltage and Bias Current
Switch Current Limit
Current Sense Voltage
(IADJ Pin = 0V)
Current Sense Voltage
(VISP, ISN)
Quiescent Current
Switch Saturation Voltage
(VCE, SAT)
SWITCH CURRENT (A)
0
2.0
1618 G01
0.5
1.0
1.5
500
400
300
200
100
0
TJ = 125°C
TJ = –50°C
TJ = 25°C
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT1618 is guaranteed to meet performance specifications
from 0°C to 70°C. Specifications over the – 40°C to 85°C operating
temperature range are assured by design, characterization, and correlation
with statistical process controls.
Note 3: Bias currents flow into the ISP and ISN pins.
Note 4: Switch current limit and switch VCESAT for the DD package is
guaranteed by design and/or correlation to static test.
ELECTRICAL CHARACTERISTICS The ● denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 1.6V, VSHDN = 1.6V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switch VCESAT
ISW = 1A (Note 4)
200
260
mV
Switch Leakage Current
Switch Off, VSW = 5V
0.01
5
µA
SHDN Pin Current
VSHDN = 1.6V
5
20
µA
Shutdown Threshold (SHDN Pin)
0.3
V
Start-Up Threshold (SHDN Pin)
1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com