Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1618 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1618
Description  Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1618 Datasheet(HTML) 2 Page - Linear Technology

  LT1618 Datasheet HTML 1Page - Linear Technology LT1618 Datasheet HTML 2Page - Linear Technology LT1618 Datasheet HTML 3Page - Linear Technology LT1618 Datasheet HTML 4Page - Linear Technology LT1618 Datasheet HTML 5Page - Linear Technology LT1618 Datasheet HTML 6Page - Linear Technology LT1618 Datasheet HTML 7Page - Linear Technology LT1618 Datasheet HTML 8Page - Linear Technology LT1618 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT1618
2
sn1618 1618fas
VIN, SHDN Voltage ................................................... 18V
SW Voltage .............................................................. 36V
ISP, ISN Voltage ...................................................... 36V
IADJ Voltage ............................................................... 6V
FB Voltage .............................................................. 1.5V
VC Voltage .............................................................. 1.5V
DD PART
MARKING
TJMAX = 125°C, θJA = 160°C/W
Consult LTC marketing for parts specified with wider operating temperature ranges.
LT1618EDD
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ORDER PART
NUMBER
LAFQ
1
2
3
4
5
FB
ISN
ISP
IADJ
GND
10
9
8
7
6
VC
SHDN
VIN
SW
NC
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
Junction Temperature ........................................... 125°C
Operating Temperature Range (Note 2) .. – 40°C to 85°C
Storage Temperature Range
MSOP ............................................... – 65°C to 150°C
DFN ................................................. – 65°C to 125°C
Lead Temperature (Soldering, 10 sec) (MSOP) .... 300°C
MS PART
MARKING
LT1618EMS
ORDER PART
NUMBER
LTNH
TOP VIEW
11
DD PACKAGE
10-LEAD (3mm × 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
VC
SHDN
VIN
SW
SW
FB
ISN
ISP
IADJ
GND
TJMAX = 125°C, θJA = 43°C/W, θJC = 3°C/W
EXPOSED PAD (PIN 11) IS GND AND
MUST BE SOLDERED TO PCB
ELECTRICAL CHARACTERISTICS The ● denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 1.6V, VSHDN = 1.6V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage
1.6
18
V
Quiescent Current
VSHDN = 1.6V, Not Switching
1.8
2.7
mA
VSHDN = 0V
0.1
1
µA
Reference Voltage
Measured at FB Pin
1.250
1.263
1.276
V
●
1.243
1.263
1.283
V
Reference Voltage Line Regulation
1.6V < VIN < 18V
0.01
0.03
%/V
FB Pin Bias Current
VFB = 1.263V, VIN = 1.8V
●
±2
±12
nA
Error Amplifier Voltage Gain
180
V/V
Error Amplifier Transconductance
∆IC = ± 5µA
160
µmho
Error Amplifier Sink Current
VFB = 1.35V, VC = 1V
15
µA
Error Amplifier Source Current
VFB = 1.10V, VC = 1V
30
µA
Current Sense Voltage (ISP, ISN)
VFB = 0V, VIADJ = 0V
●
47.5
50
52.5
mV
ISP, ISN Pin Bias Currents (Note 3)
VISP = 1.85V, VISN = 1.80V, VIADJ = 0V
50
80
µA
(ISP, ISN) Common Mode Minimum Voltage
1.8
V
Switching Frequency
VFB = 1V
1.25
1.4
1.6
MHz
VFB = 0V
550
kHz
Maximum Switch Duty Cycle
●
88
92
%
Switch Current Limit
(Note 4)
1.5
2.1
2.8
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com