Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1618 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1618
Description  Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1618 Datasheet(HTML) 4 Page - Linear Technology

  LT1618 Datasheet HTML 1Page - Linear Technology LT1618 Datasheet HTML 2Page - Linear Technology LT1618 Datasheet HTML 3Page - Linear Technology LT1618 Datasheet HTML 4Page - Linear Technology LT1618 Datasheet HTML 5Page - Linear Technology LT1618 Datasheet HTML 6Page - Linear Technology LT1618 Datasheet HTML 7Page - Linear Technology LT1618 Datasheet HTML 8Page - Linear Technology LT1618 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT1618
4
sn1618 1618fas
PIN FUNCTIONS
FB (Pin 1/Pin 1): Feedback Pin. Set the output voltage by
selecting values for R1 and R2 (see Figure 1):
RR
V
V
OUT
12
1 263
1
=
⎛
⎝
⎜
⎞
⎠
⎟
.
–
ISN (Pin 2/Pin 2): Current Sense (–) Pin. The inverting
input to the current sense amplifier.
ISP (Pin 3/Pin 3): Current Sense (+) Pin. The noninverting
input to the current sense amplifier.
IADJ (Pin 4/Pin 4): Current Sense Adjust Pin. A DC voltage
applied to this pin will reduce the current sense voltage. If
this adjustment is not needed, tie this pin to ground.
GND (Pin 5/Pin 5): Ground Pin. Tie this pin directly to local
ground plane.
NC (Pin 6/NA): No Connection for MS Package.
SW (NA/Pin 6): Switch Pin for DD Package. Connect this
pin to Pin 7.
SW (Pin 7/Pin 7): Switch Pin. This is the collector of the
internal NPN power switch. Minimize the metal trace area
connected to this pin to minimize EMI.
VIN (Pin 8/Pin 8): Input Supply Pin. Bypass this pin with
a capacitor to ground as close to the device as possible.
SHDN (Pin 9/Pin 9): Shutdown Pin. Tie this pin higher
than 1V to turn on the LT1618; tie below 0.3V to turn it off.
VC (Pin 10/Pin 10): Compensation Pin for Error Amplifier.
Connect a series RC from this pin to ground. Typical values
are 2kΩ and 10nF.
Exposed Pad (NA/Pin 11): The Exposed Pad on the DD
package is GND and must be soldered to the PCB GND for
optimum thermal performance.
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (°C)
–50
125
1618 G07
0
75
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
–25
25
50
100
VIN = 18V
VIN = 1.6V
FEEDBACK PIN VOLTAGE (V)
1.2
1618 G08
0
0.2
0.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0.4
0.6
1.0
TJ = 25°C
SHUTDOWN PIN VOLTAGE (V)
0
20
1618 G09
5
10
15
50
45
40
35
30
25
20
15
10
5
0
TJ = – 50°C
TJ = 25°C
TJ = 125°C
Switching Frequency
Frequency Foldback
SHDN Pin Current
(MS/DD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com