Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1204CSW Datasheet(PDF) 14 Page - Linear Technology

Part # LT1204CSW
Description  4-Input Video Multiplexer with 75MHz Current Feedback Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1204CSW Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1204CSW Datasheet HTML 10Page - Linear Technology LT1204CSW Datasheet HTML 11Page - Linear Technology LT1204CSW Datasheet HTML 12Page - Linear Technology LT1204CSW Datasheet HTML 13Page - Linear Technology LT1204CSW Datasheet HTML 14Page - Linear Technology LT1204CSW Datasheet HTML 15Page - Linear Technology LT1204CSW Datasheet HTML 16Page - Linear Technology LT1204CSW Datasheet HTML 17Page - Linear Technology LT1204CSW Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LT1204
S
APPLICATI
I FOR ATIO
All Hostile Crosstalk Test Setup*
Demonstration PC Board Schematic
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VIN0
GND
VIN1
GND
VIN2
GND
VIN3
REF
+
C1
4.7
µF
C2
0.1
µF
C3
4.7
µF
C4
0.1
µF
RF
750
Ω
RO
75
Ω
RG
750
Ω
R3
10k
R1
10k
R2
10k
ENABLE
A1
A0
REF
V+
V–
GND
LT1204
VIN0
VIN1
VIN2
VIN3
V+
VO
V–
FB
SHDN
ENABLE
A1
A0
SHUTDOWN
RESISTORS R1, R2 AND R3 ARE PULL-DOWN
AND PULL-UP RESISTORS FOR THE LOGIC
AND ENABLE PINS. THEY MAY BE OMITTED
IF THE LT1204 IS DRIVEN FROM TTL LEVELS
OR FROM 5V CMOS.
L1204 AI10
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VIN0
GND
VIN1
GND
VIN2
GND
VIN3
REF
LT1204
V+
VO
V–
FB
SHDN
ENABLE
A1
A0
–15V
15V
*SEE PC BOARD LAYOUT
1k
10
Ω
1k
50
Ω
50
Ω
SPLITTER
OSC
REF
VIN
50
Ω
50
Ω
HP4195A
NETWORK ANALYZER
50
Ω
1204 AI11
10k
50
Ω
Alternate All Hostile Crosstalk Setup*
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VIN0
GND
VIN1
GND
VIN2
GND
VIN3
REF
LT1204
V+
VO
V–
FB
SHDN
ENABLE
A1
A0
–15V
15V
*SEE PC BOARD LAYOUT
1k
10
Ω
1k
50
Ω
50
Ω
SPLITTER
OSC
REF
VIN
50
Ω
50
Ω
HP4195A
NETWORK ANALYZER
50
Ω
1204 AI12
10k
50
Ω
50
Ω
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com