Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1204CSW Datasheet(PDF) 18 Page - Linear Technology

Part # LT1204CSW
Description  4-Input Video Multiplexer with 75MHz Current Feedback Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1204CSW Datasheet(HTML) 18 Page - Linear Technology

Back Button LT1204CSW Datasheet HTML 12Page - Linear Technology LT1204CSW Datasheet HTML 13Page - Linear Technology LT1204CSW Datasheet HTML 14Page - Linear Technology LT1204CSW Datasheet HTML 15Page - Linear Technology LT1204CSW Datasheet HTML 16Page - Linear Technology LT1204CSW Datasheet HTML 17Page - Linear Technology LT1204CSW Datasheet HTML 18Page - Linear Technology LT1204CSW Datasheet HTML 19Page - Linear Technology LT1204CSW Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LT1204
S
APPLICATI
TYPICAL
CABLE
OUTPUT
LT1204
#2 OUTPUT
A0 PIN 9
1204 TA05
Differential Receiver Switching Waveforms
FREQUENCY (Hz)
–60
–40
–20
0
20
10k
1M
10M
100M
1204 TA06
100k
VS = ±15V
RL = 100Ω
DIFFERENTIAL MODE RESPONSE
COMMON MODE RESPONSE
4-Input Twisted-Pair Driver
It is possible to send and receive color composite video
signals appreciable distances on a low cost twisted pair.
The cost advantage of this technique is significant. Stan-
dard 75
Ω RG-59/U coaxial cable cost between 25¢ and
50¢ per foot. PVC twisted pair is only pennies per foot.
Differential signal transmission resists noise because the
interference is present as a common mode signal. The
LT1204 can select one of four video cameras for instance,
and drive the video signal on to the twisted pair. The circuit
uses an LT1227 current feedback amplifier connected with
a gain of – 2, and an LT1204 with a gain of 2. The 47
Ω
resistors back-terminate the low cost cable in its charac-
teristic impedance to prevent reflections. The receiver for
the differential signal is an LT1193 connected for a gain of
2. Resistors R1, R2 and capacitors C1, C2 are used for
cable compensation for loss through the twisted pair.
Alternately, a pair of LT1204s can be used to perform the
differential to single-ended conversion.
Multiburst Pattern Passed Through 1000 Feet of Twisted Pair,
No Cable Compensation
Multiburst Pattern Passed Through 1000 Feet of Twisted Pair,
with Cable Compensation
1204 TA08
OUTPUT
INPUT
INPUT
OUTPUT
1204 TA09
Differential Receiver Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com