Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1204CSW Datasheet(PDF) 17 Page - Linear Technology

Part # LT1204CSW
Description  4-Input Video Multiplexer with 75MHz Current Feedback Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1204CSW Datasheet(HTML) 17 Page - Linear Technology

Back Button LT1204CSW Datasheet HTML 12Page - Linear Technology LT1204CSW Datasheet HTML 13Page - Linear Technology LT1204CSW Datasheet HTML 14Page - Linear Technology LT1204CSW Datasheet HTML 15Page - Linear Technology LT1204CSW Datasheet HTML 16Page - Linear Technology LT1204CSW Datasheet HTML 17Page - Linear Technology LT1204CSW Datasheet HTML 18Page - Linear Technology LT1204CSW Datasheet HTML 19Page - Linear Technology LT1204CSW Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
LT1204
S
APPLICATI
TYPICAL
by 1, 0.5, 0.25 and 0.125 to form an amplifier with a gain
of 16, 8, 4, 2, when LT1204 #1 is selected. LT1204 #2
is connected to the same attenuator. When enabled
(LT1204 #1 disabled), it results in gain of 1, 0.5, 0.25 and
0.125. The wide input common mode range of the
LT1204 is needed to accept inputs of 8VP-P.
4-Input Differential Receiver
LT1204s can be connected inverting and noninverting as
shown to make a 4-input differential receiver. The receiver
can be used to convert differential signals sent over a low
cost twisted pair to a single-ended output or used in video
loop-thru connections. The logic inputs A0 and A1 are tied
together because the same channels are selected on each
LT1204. By using the Disable feature, the number of
differential inputs can be increased by adding pairs of
LT1204s and tying the outputs of the noninverting LT1204s
(#1) together. Switching transients are reduced in this
receiver because the transient from LT1204 #2 subtracted
from the transient of LT1204 #1.
Programable Gain Amplifier (PGA)
Two LT1204s and seven resistors make a Programable
Gain Amplifier with a 128-to-1 gain range. The gain is
proportional to 2N where N is the 3-bit binary value of the
select logic. An input attenuator alters the input signal
4-Input Differential Receiver
1
3
5
7
13
–
+
1
3
5
7
13
–
+
+
+
+
LT1204
#1
1.5k
100
Ω
LT1204
#2
1.5k
124
Ω
124
Ω
249
Ω
499
Ω
VIN = 62.5mVP-P TO 8VP-P
+
+
+
VOUT = 1VP-P
1204 TA03
Programable Gain Amplifier Accepts Inputs
from 62.5mVP-P to 8VP-P
IN 1
IN 2
IN 3
IN 4
–IN 1
–IN 2
–IN 3
–IN 4
1k
1k
1k
1k
75
Ω
EN
SHDN
A1
A0
68
Ω
68
Ω
1k*
1k*
TWISTED PAIR
CABLE
1k*
1k*
1204 TA04
*OPTIONAL
75
Ω
VOUT
–
+
+
+
LT1204
#2
A0
A1
EN
SHDN
+
–
+
+
+
LT1204
#1
A0
A1
EN
SHDN
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com