Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1204CSW Datasheet(PDF) 16 Page - Linear Technology

Part # LT1204CSW
Description  4-Input Video Multiplexer with 75MHz Current Feedback Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1204CSW Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1204CSW Datasheet HTML 12Page - Linear Technology LT1204CSW Datasheet HTML 13Page - Linear Technology LT1204CSW Datasheet HTML 14Page - Linear Technology LT1204CSW Datasheet HTML 15Page - Linear Technology LT1204CSW Datasheet HTML 16Page - Linear Technology LT1204CSW Datasheet HTML 17Page - Linear Technology LT1204CSW Datasheet HTML 18Page - Linear Technology LT1204CSW Datasheet HTML 19Page - Linear Technology LT1204CSW Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
LT1204
S
APPLICATI
I FOR ATIO
improper cable termination due to feedback resistors
loading the cable.
The limit to the number of expanded inputs is set by the
acceptable error budget of the system.
16-to-1 MUX Response Using Disable vs Shutdown
For a 64-to-1 MUX we need sixteen LT1204s. The
equivalent load resistance due to the feedback resistor
REQ in Disable is 25k/15 = 1.67k. See Figure 3.
VO =
75REQ
75(75) + 150REQ
, VO = 0.489V
This voltage represents a 2.1% loading error. If the
shutdown feature is used instead of the disable feature,
then the LT1204 could expand to only an 8-to-1 MUX for
the same error.
As a practical matter the gain error at frequency is also
set by capacitive loading. The disabled output capaci-
tance of the LT1204 is about 8pF, and in the case of
sixteen LT1204s, it would represent a 128pF load. The
combination of 1.67k and 128pF correspond to about a
0.3dB roll-off at 5MHz.
Figure 3. Equivalent Loading Schematic
16-to-1 Multiplexer All Hostile Crosstalk
FREQUENCY (MHz)
1
–6
–4
–2
0
2
10
100
1204 AI15
4
VS = ±15V
RL = 100Ω
RF = RG = 1k
DISABLE
SHUTDOWN
FREQUENCY (MHz)
1
–120
–100
–80
–60
–40
10
100
1204 AI16
–20
VS = ±15V
RL = 100Ω
RF = RG = 1k
RS = 0
SHUTDOWN
CROSSTALK
DISABLE
CROSSTALK
ON
75
Ω
1V
LT1204
OFF
75
Ω
LT1204
75
Ω
VOUT
CABLE
75
Ω
VOUT
REQ
75
Ω
1V
1204 F03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com