Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1204CSW Datasheet(PDF) 15 Page - Linear Technology

Part # LT1204CSW
Description  4-Input Video Multiplexer with 75MHz Current Feedback Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1204CSW Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1204CSW Datasheet HTML 11Page - Linear Technology LT1204CSW Datasheet HTML 12Page - Linear Technology LT1204CSW Datasheet HTML 13Page - Linear Technology LT1204CSW Datasheet HTML 14Page - Linear Technology LT1204CSW Datasheet HTML 15Page - Linear Technology LT1204CSW Datasheet HTML 16Page - Linear Technology LT1204CSW Datasheet HTML 17Page - Linear Technology LT1204CSW Datasheet HTML 18Page - Linear Technology LT1204CSW Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
LT1204
S
APPLICATI
I FOR ATIO
Multiplexer Expansion Pin 11 and Pin 12
To expand the number of MUX inputs, LT1204s can be
paralleled by shorting their outputs together. The multi-
plexer disable logic has been designed to prevent shoot-
through current when two or more amplifiers have their
outputs shorted together. (Shoot-through current is a
spike of power supply current caused by both amplifiers
being on at once.)
Monitoring Supply Current Spikes
The multiplexer uses a circuit to ensure the disabled
amplifiers do not load or alter the cable termination. When
the LT1204 is disabled (Pin 11 low) the output stage is
turned off and an active buffer senses the output and
drives the feedback pin to the CFA (Figure 2). This boot-
straps the feedback resistors and raises the true output
impedance of the circuit. For the condition where RF = RG
= 1k, the Disable Output Resistance is typically raised to
25k and drops to 20k for AV = 10, RF = 2k and RG = 222Ω
due to loading of the feedback buffer. Operating the
Disable feature with RG < 100Ω is not recommended.
A shutdown feature (Pin 12 low) reduces the supply
current to 1.5mA and lowers the power dissipation
when the LT1204 is not in use. If the part is shut down,
the bootstrapping is inoperative and the feedback resis-
tors will load the output. If the CFA is operated at a gain
of +1, however, the feedback resistor will not load the
output even in shutdown because there is no resistive
path to ground, but there will be a – 6dB loss through
the cable system.
A frequency response plot shows the effect of using the
disable feature versus using the shutdown feature. In
this example four LT1204s were connected together at
their outputs forming a 16-to-1 MUX. The plot shows the
effect of the bootstrapping circuit that eliminates the
–
+
+
+
+
LT1204
1
3
5
7
13
14
11
EN
V–
16
V+
TO SCOPE
15
75
Ω
–
+
+
+
+
LT1204
1
3
5
7
13
14
11
EN
V–
16
15
1k
1k
75
Ω
V+
74HC04
75
Ω
TEK
CT-1
O
5V
OSCILLATOR
1204 AI13
1k
1k
Timing and Supply Current Waveforms
OSCILLATOR
5V/DIV
VOUT
1V/DIV
IS
10mA/DIV
74HC04
OUTPUT
5V/DIV
1204 AI14
TEE SWITCH
VIN0
TEE SWITCH
VIN1
TEE SWITCH
VIN2
TEE SWITCH
VIN3
V–
LT1204
“ON”
–
+
CFA
“OFF”
FB
RF
RG
VOUT
75
Ω
75
Ω
CABLE
1204 F02
AV = +1
75
Ω
Figure 2. Active Buffer Drives FB Pin 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com