Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1204CSW Datasheet(PDF) 4 Page - Linear Technology

Part # LT1204CSW
Description  4-Input Video Multiplexer with 75MHz Current Feedback Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1204CSW Datasheet(HTML) 4 Page - Linear Technology

  LT1204CSW Datasheet HTML 1Page - Linear Technology LT1204CSW Datasheet HTML 2Page - Linear Technology LT1204CSW Datasheet HTML 3Page - Linear Technology LT1204CSW Datasheet HTML 4Page - Linear Technology LT1204CSW Datasheet HTML 5Page - Linear Technology LT1204CSW Datasheet HTML 6Page - Linear Technology LT1204CSW Datasheet HTML 7Page - Linear Technology LT1204CSW Datasheet HTML 8Page - Linear Technology LT1204CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LT1204
AC CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tr, tf
Small-Signal Rise and Fall Time
RL = 150Ω, VOUT = ±125mV
5.6
ns
SR
Slew Rate (Note 10)
RL = 400Ω
400
1000
V/
µs
Channel Select Output Transient
All VIN = 0V, RL = 400Ω, Input Referred
40
mV
tS
Settling Time
0.1%, VOUT = 10V, RL = 1k
70
ns
All Hostile Crosstalk (Note 11)
SO PCB #028, RL = 100Ω, RS = 10Ω
92
dB
Disable Crosstalk (Note 11)
SO PCB #028, Pin 11 Voltage = 0V, RL = 100Ω, RS = 50Ω
95
dB
Shutdown Crosstalk (Note 11)
SO PCB #028, Pin 12 Voltage = 0V, RL = 100Ω, RS = 50Ω
92
dB
All Hostile Crosstalk (Note 11)
PDIP PCB #029, RL = 100Ω, RS = 10Ω
76
dB
Disable Crosstalk (Note 11)
PDIP PCB #029, Pin 11 Voltage = 0V, RL = 100Ω, RS = 50Ω
81
dB
Shutdown Crosstalk (Note 11)
PDIP PCB #029, Pin 12 Voltage = 0V, RL = 100Ω, RS = 50Ω
76
dB
Differential Gain (Note 12)
VS = ±15V, RL = 150Ω
0.04
%
VS = ±5V, RL = 150Ω
0.04
%
Differential Phase (Note 12)
VS = ±15V, RL = 150Ω
0.06
DEG
VS = ±5V, RL = 150Ω
0.12
DEG
TA = 25°C, VS = ±15V, RF = RG = 1k, unless otherwise noted.
The q denotes specifications which apply over the specified operating
temperature range.
Note 1: Analog and digital inputs (Pins 1, 3, 5, 7, 9, 10, 11 and 12) are
protected against ESD and overvoltage with internal SCRs. For inputs
<
±6V the SCR will not fire, voltages above 6V will fire the SCRs and
the DC current should be limited to 50mA. To turn off the SCR the pin
voltage must be reduced to less than 2V or the current reduced to less
than 10mA.
Note 2: A heat sink may be required depending on the power supply
voltage.
Note 3: Commercial grade parts are designed to operate over the
temperature range of – 40
°C to 85°C but are neither tested nor
guaranteed beyond 0
°C to 70°C. Industrial grade parts specified and
tested over – 40
°C to 85°C are available on special request. Consult
factory.
Note 4: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formulas:
LT1204CN: TJ = TA + (PD)(70°C/W)
LT1204CS: TJ = TA + (PD)(90°C/W)
Note 5: The supply current of the LT1204 has a negative temperature
coefficient. For more information see Typical Performance
Characteristics.
Note 6: Apply 0.5V DC to Pin 1 and measure the time for the
appearance of 5V at Pin 15 when Pin 9 goes from 5V to 0V. Pin 10
Voltage = 0V. Apply 0.5V DC to Pin 3 and measure the time for the
appearance of 5V at Pin 15 when Pin 9 goes from 0V to 5V. Pin 10
Voltage = 0V. Apply 0.5V DC to Pin 5 and measure the time for the
appearance of 5V at Pin 15 when Pin 9 goes from 5V to 0V. Pin 10
Voltage = 5V. Apply 0.5V DC to Pin 7 and measure the time for the
appearance of 5V at Pin 15 when Pin 9 goes from 0V to 5V. Pin 10
Voltage = 5V.
Note 7: Apply 0.5V DC to Pin 1 and measure the time for the
disappearance of 5V at Pin 15 when Pin 11 goes from 5V to 0V.
Pins 9 and 10 are at 0V.
Note 8: Apply 0.5V DC to Pin 1 and measure the time for the
appearance of 5V at Pin 15 when Pin 11 goes from 0V to 5V.
Pins 9 and 10 are at 0V. Above a 1MHz toggle rate, ten reduces.
Note 9: Apply 0.5V DC at Pin 1 and measure the time for the
appearance of 5V at Pin 15 when Pin 12 goes from 0V to 5V.
Pins 9 and 10 are at 0V. Then measure the time for the disappearance
of 5V DC to 500mV at Pin 15 when Pin 12 goes from 5V to 0V.
Note 10: Slew rate is measured at
±5V on a ±10V output signal while
operating on
±15V supplies with RF = 2k, RG = 220Ω and RL = 400Ω.
Note 11: VIN = 0dBm (0.223VRMS) at 10MHz on any 3 inputs with the
4th input selected. For Disable crosstalk and Shutdown crosstalk all 4
inputs are driven simultaneously. A 6dB output attenuator is formed by
a 50
Ω series output resistor and the 50Ω input impedance of the
HP4195A Network Analyzer. RF = RG = 1k.
Note 12: Differential Gain and Phase are measured using a Tektronix
TSG120 YC/NTSC signal generator and a Tektronix 1780R Video
Measurement Set. The resolution of this equipment is 0.1% and 0.1
°.
Five identical MUXs were cascaded giving an effective resolution of
0.02% and 0.02
°.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com