Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1204CSW Datasheet(PDF) 5 Page - Linear Technology

Part # LT1204CSW
Description  4-Input Video Multiplexer with 75MHz Current Feedback Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1204CSW Datasheet(HTML) 5 Page - Linear Technology

  LT1204CSW Datasheet HTML 1Page - Linear Technology LT1204CSW Datasheet HTML 2Page - Linear Technology LT1204CSW Datasheet HTML 3Page - Linear Technology LT1204CSW Datasheet HTML 4Page - Linear Technology LT1204CSW Datasheet HTML 5Page - Linear Technology LT1204CSW Datasheet HTML 6Page - Linear Technology LT1204CSW Datasheet HTML 7Page - Linear Technology LT1204CSW Datasheet HTML 8Page - Linear Technology LT1204CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LT1204
Measurements taken from SO Demonstration Board #028.
TYPICAL AC PERFOR A CE
SMALL SIGNAL
SMALL SIGNAL
SMALL SIGNAL
VS (V)
AV
RL (Ω)RF (Ω)RG (Ω)
– 3dB BW (MHz)
0.1dB BW (MHz)
PEAKING (dB)
±15
1
150
1.1k
None
88.5
48.3
0.1
1k
1.6k
None
95.6
65.8
0
±12
1
150
976
None
82.6
49.1
0.1
1k
1.3k
None
90.2
63.6
0.1
±5
1
150
665
None
65.5
43.6
0.1
1k
866
None
68.2
42.1
0.1
±15
2
150
787
787
75.7
45.8
0
1k
887
887
82.2
61.3
0.1
±12
2
150
750
750
71.9
45.0
0
1k
845
845
77.5
52.1
0
±5V
2
150
590
590
58.0
32.4
0
1k
649
649
62.1
42.7
0.1
±15
10
150
866
95.3
44.3
28.7
0.1
1k
1k
110
47.4
30.9
0.1
±12
10
150
825
90.9
43.5
27.2
0
1k
931
100
46.3
32.1
0.1
±5
10
150
665
73.2
37.2
22.1
0
1k
750
82.5
39.3
27.8
0.1
TRUTH TABLE
CHANNEL
A1
A0
ENABLE
SHUTDOWN
SELECTED
00
1
1
VIN0
01
1
1
VIN1
10
1
1
VIN2
11
1
1
VIN3
X
X
0
1
High Z Output
X
X
X
0
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com