Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1633CS Datasheet(PDF) 9 Page - Linear Technology

Part # LT1633CS
Description  45MHz, 45V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1633CS Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1633CS Datasheet HTML 5Page - Linear Technology LT1633CS Datasheet HTML 6Page - Linear Technology LT1633CS Datasheet HTML 7Page - Linear Technology LT1633CS Datasheet HTML 8Page - Linear Technology LT1633CS Datasheet HTML 9Page - Linear Technology LT1633CS Datasheet HTML 10Page - Linear Technology LT1633CS Datasheet HTML 11Page - Linear Technology LT1633CS Datasheet HTML 12Page - Linear Technology LT1633CS Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1632/LT1633
TYPICAL PERFORMANCE CHARACTERISTICS
TOTAL SUPPLY VOLTAGE (V)
1
0
100
200
300
400
23
4
5
1632/33 G07
500
600
TA = 125°C
TA = –55°C
TA = 25°C
FREQUENCY (Hz)
1
10
100
1000
11632/33 G09
70
60
50
40
30
20
10
0
VS = 5V, 0V
VCM = 2.5V
PNP ACTIVE
VCM = 4.25V
NPN ACTIVE
Noise Voltage Spectrum
Minimum Supply Voltage
0.1Hz to 10Hz
Output Voltage Noise
Gain Bandwidth and Phase
Margin vs Supply Voltage
TOTAL SUPPLY VOLTAGE (V)
0
5
10
15
20
1632/33 G14
25
120
105
90
75
60
45
30
15
0
80
70
60
50
40
30
20
10
0
30
PHASE MARGIN
VCM = VS/2
GAIN BANDWIDTH
Gain and Phase vs Frequency
FREQUENCY (Hz)
40
60
80
70
100
120
30
50
90
110
1k
100k
1M
10M
1632/33 G12
20
10k
VS = ±15V
VS = 5V, 0V
CMRR vs Frequency
PSRR vs Frequency
FREQUENCY (Hz)
100
90
80
70
60
50
40
30
20
10
0
1k
100k
1M
10M
1632/33 G13
10k
VS = ±15V
POSITIVE SUPPLY
NEGATIVE SUPPLY
Channel Separation vs Frequency
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
1632/33 G15
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
VS = ±15V
VOUT = ±10VP-P
RL = 2k
Noise Current Spectrum
FREQUENCY (Hz)
1
8
10
12
14
16
10
100
1000
1632/33 G10
6
4
2
0
18
20
VS = 5V, 0V
VCM = 2.5V
PNP ACTIVE
VCM = 4.25V
NPN ACTIVE
FREQUENCY (MHz)
80
70
60
50
40
30
20
10
0
–10
–20
225
180
135
90
45
0
–45
–90
–135
–180
–225
0.01
1
10
100
1632/33 G11
0.1
PHASE
GAIN
RL = 1k
VS = 3V, 0V
VS = ±15V
TIME (1SEC/DIV)
1632/33 G08
VS = 5V, 0V
VCM = VS/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com