Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1633CS Datasheet(PDF) 11 Page - Linear Technology

Part # LT1633CS
Description  45MHz, 45V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1633CS Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1633CS Datasheet HTML 7Page - Linear Technology LT1633CS Datasheet HTML 8Page - Linear Technology LT1633CS Datasheet HTML 9Page - Linear Technology LT1633CS Datasheet HTML 10Page - Linear Technology LT1633CS Datasheet HTML 11Page - Linear Technology LT1633CS Datasheet HTML 12Page - Linear Technology LT1633CS Datasheet HTML 13Page - Linear Technology LT1633CS Datasheet HTML 14Page - Linear Technology LT1633CS Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1632/LT1633
TYPICAL PERFORMANCE CHARACTERISTICS
5V Large-Signal Response
1632/33 G26
VS = 5V, 0V
AV = 1
RL = 1k
5V Small-Signal Response
163233 G25
VS = 5V, 0V
AV = 1
RL = 1k
Harmonic Distortion vs Frequency
FREQUENCY (kHz)
100
0
–20
–40
–60
–80
–100
1000
2000
1632/33 G29
200
500
VS = 5V, 0V
AV = 1
VIN = 2VP-P
RL = 150Ω
RL = 1k
2ND
3RD
2ND
3RD
Harmonic Distortion vs Frequency
±15V Large-Signal Response
1632/33 G27
VS = ±15V
AV = 1
RL = 1k
±15V Small-Signal Response
FREQUENCY (kHz)
100
0
–20
–40
–60
–80
–100
1000
2000
1632/33 G30
1000
200
500
2ND
3RD
3RD
VS = 5V, 0V
AV = –1
VIN = 2VP-P
RL = 150Ω
RL = 1k
2ND
1632/33 G28
VS = ±15V
AV = 1
RL = 1k
APPLICATIONS INFORMATION
Rail-to-Rail Input and Output
The LT1632/LT1633 are fully functional for an input and
output signal range from the negative supply to the posi-
tive supply. Figure 1 shows a simplified schematic of the
amplifier. The input stage consists of two differential
amplifiers, a PNP stage Q1/Q2 and an NPN stage Q3/Q4
that are active over different ranges of input common
mode voltage. The PNP differential input pair is active for
input common mode voltages VCM between the negative
supply to approximately 1.5V below the positive supply.
As VCM moves closer toward the positive supply, the
transistor Q5 will steer the tail current I1 to the current
mirror Q6/Q7, activating the NPN differential pair and the
PNP pair becomes inactive for the rest of the input com-
mon mode range up to the positive supply.
The output is configured with a pair of complementary
common emitter stages Q14/Q15 that enables the output
to swing from rail to rail. These devices are fabricated on
Linear Technology’s proprietary complementary bipolar
process to ensure similar DC and AC characteristics.
Capacitors C1 and C2 form local feedback loops that lower
the output impedance at high frequencies.
Power Dissipation
The LT1632/LT1633 amplifiers combine high speed and
large output current drive in a small package. Because the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com