Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1633CS Datasheet(PDF) 7 Page - Linear Technology

Part # LT1633CS
Description  45MHz, 45V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1633CS Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1633CS Datasheet HTML 3Page - Linear Technology LT1633CS Datasheet HTML 4Page - Linear Technology LT1633CS Datasheet HTML 5Page - Linear Technology LT1633CS Datasheet HTML 6Page - Linear Technology LT1633CS Datasheet HTML 7Page - Linear Technology LT1633CS Datasheet HTML 8Page - Linear Technology LT1633CS Datasheet HTML 9Page - Linear Technology LT1633CS Datasheet HTML 10Page - Linear Technology LT1633CS Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1632/LT1633
ELECTRICAL CHARACTERISTICS
–40
°C < TA < 85°C, VS = ±15V, VCM = 0V, VOUT = 0V, unless otherwise noted. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V
+ – 0.1V
q
1000
3000
µV
VCM = V
– + 0.2V
q
1000
3000
µV
VOS TC
Input Offset Voltage Drift (Note 3)
q
10
17
µV/°C
VCM = V
+ – 0.1V
q
511
µV/°C
∆VOS
Input Offset Voltage Shift
VCM = V
– + 0.2V to V+ – 0.1V
q
500
2600
µV
Input Offset Voltage Match (Channel-to-Channel) VCM = V
– + 0.2V, V+ – 0.1V (Note 5)
q
850
4000
µV
IB
Input Bias Current
VCM = V
+ – 0.1V
q
0
1.4
2.8
µA
VCM = V– + 0.2V
q
– 2.8
– 1.4
0
µA
∆IB
Input Bias Current Shift
VCM = V
– + 0.2V to V+ – 0.1V
q
2.8
5.6
µA
Input Bias Current Match (Channel-to-Channel)
VCM = V
+ – 0.1V (Note 5)
q
75
1120
nA
VCM = V– + 0.2V (Note 5)
q
75
1120
nA
IOS
Input Offset Current
VCM = V+ – 0.1V
q
60
560
nA
VCM = V– + 0.2V
q
60
560
nA
∆IOS
Input Offset Current Shift
VCM = V– + 0.2V to V+ – 0.1V
q
120
1120
nA
AVOL
Large-Signal Voltage Gain
VO = – 14.5V to 14.5V, RL = 10k
q
500
5000
V/mV
VO = – 10V to 10V, RL = 2k
q
250
1800
V/mV
Channel Separation
VO = – 10V to 10V, RL = 2k
q
110
124
dB
CMRR
Common Mode Rejection Ratio
VCM = V– + 0.2V to V+ – 0.1V
q
81
96
dB
CMRR Match (Channel-to-Channel) (Note 5)
VCM = V– + 0.2V to V+ – 0.1V
q
77
95
dB
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
q
80
93
dB
PSRR Match (Channel-to-Channel) (Note 5)
VS = ±5V to ±15V
q
74
95
dB
VOL
Output Voltage Swing Low (Note 6)
No Load
q
23
50
mV
ISINK = 5mA
q
187
350
mV
ISINK = 25mA
q
700
1400
mV
VOH
Output Voltage Swing High (Note 6)
No Load
q
16
40
mV
ISOURCE = 5mA
q
300
600
mV
ISOURCE = 25mA
q
1500
3000
mV
ISC
Short-Circuit Current
q
±27
±54
mA
IS
Supply Current per Amplifier
q
5.3
7
mA
GBW
Gain-Bandwidth Product (Note 7)
f = 100kHz
q
20
40
MHz
SR
Slew Rate
AV = – 1, RL = Open, VO = ±10V,
q
18
35
V/
µs
Measure at VO = ±5V
Note 5: Matching parameters are the difference between amplifiers A and
D and between B and C on the LT1633; between the two amplifiers on the
LT1632.
Note 6: Output voltage swings are measured between the output and
power supply rails.
Note 7: VS = 3V, VS = ±15V GBW limit guaranteed by correlation to
5V tests.
Note 8: VS = 3V, VS = 5V slew rate limit guaranteed by correlation to
±15V tests.
Note 9: Minimum supply voltage is guaranteed by testing the change of
VOS to be less than 250µV when the supply voltage is varied from 3V to
2.7V.
The q denotes specifications that apply over the full operating temperature
range.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: A heat sink may be required to keep the junction temperature
below the absolute maximum rating when the output is shorted
indefinitely.
Note 3: This parameter is not 100% tested.
Note 4: The LT1632C/LT1633C are guaranteed to meet specified
performance from 0
°C to 70°C and are designed, characterized and
expected to meet these extended temperature limits, but are not tested at
–40
°C and 85°C. Guaranteed I grade parts are available, consult factory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com