Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1633CS Datasheet(PDF) 14 Page - Linear Technology

Part # LT1633CS
Description  45MHz, 45V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1633CS Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1633CS Datasheet HTML 8Page - Linear Technology LT1633CS Datasheet HTML 9Page - Linear Technology LT1633CS Datasheet HTML 10Page - Linear Technology LT1633CS Datasheet HTML 11Page - Linear Technology LT1633CS Datasheet HTML 12Page - Linear Technology LT1633CS Datasheet HTML 13Page - Linear Technology LT1633CS Datasheet HTML 14Page - Linear Technology LT1633CS Datasheet HTML 15Page - Linear Technology LT1633CS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT1632/LT1633
Figure 4. RF Amplifier Control Biasing and DC Restoration
TYPICAL APPLICATIONS
A
R
R
R
R
RR
R
VV
V
A
V
OUT
IN
IN
V
=+
+
+


=−


+−
4
3
1
2
1
32
5
•
Common mode range can be calculated by the following
equations:
Lower
V
V
A
R
R
V
Upper
V
V
A
R
R
VV
where V
CML
OUT
V
CMH
OUT
V
S
S
limit common mode input voltage
limit common mode input voltage
is supply voltage.
=


+
=


+−
()
2
5
01
10
11
2
5
015
10
11
.
.
.
.
.
.
For example, the common mode range is from 0.15V to
2.65V if the output is set at one half of the 3V supply. The
common mode rejection is greater than 110dB at 100Hz
when trimmed with resistor R1. The amplifier has a
bandwidth of 550kHz.
Single Supply, 400kHz, 4th Order Butterworth Filter
The circuit shown in Figure 2 makes use of the low voltage
operation and the wide bandwidth of the LT1632 to create
a 400kHz 4th order lowpass filter with a single supply. The
amplifiers are configured in the inverting mode to mini-
mize common mode induced distortion and the output
can swing rail-to-rail for the maximum dynamic range.
Figure 3 displays the frequency response of the filter.
Stopband attenuation is greater than 85dB at 10MHz.
A1
1/2 LT1632
VOUT
1632/33 F04
5V
5V
HP-MSA0785
HP-MSA0785
R3
10k
L1
220
µH
C5
0.01
µF
L2
220
µH
Q1
2N3906
Q2
2N3906
C6
0.01
µF
R5
50
Ω
R1
10
Ω
R2
453
Ω
R4
10
Ω
C3
1500pF
–
+
A2
1/2 LT1632
C4
1500pF
C2
1500pF
C1
0.01
µF
VIN
L4
3.9
µH
L3
3.9
µH
+
+
+
RF1
RF2
Figure 2. Single Supply, 400kHz, 4th Order Butterworth Filter
FREQUENCY (Hz)
0.1k
1k
10k
100k
1M
10M
1632/33 F03
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
VS = 3V, 0V
VIN = 2.5VP-P
Figure 3. Frequency Response
1/2 LT1632
2.32k
VIN
VS/2
VOUT
1632/33 F02
220pF
2.32k
6.65k
1/2 LT1632
2.74k
22pF
470pF
5.62k
2.74k
47pF
With a 2.25VP-P, 100kHz input signal on a 3V supply, the
filter has harmonic distortion of less than – 87dBc.
RF Amplifier Control Biasing and DC Restoration
Taking advantage of the rail-to-rail input and output, and
the large output current capability of the LT1632, the
circuit shown in Figure 4 provides precise bias current for
the RF amplifiers and restores the DC output level. To
ensure optimum performance of an RF amplifier, its bias
point must be accurate and stable over the operating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com