Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1633CS Datasheet(PDF) 12 Page - Linear Technology

Part # LT1633CS
Description  45MHz, 45V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1633CS Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1633CS Datasheet HTML 8Page - Linear Technology LT1633CS Datasheet HTML 9Page - Linear Technology LT1633CS Datasheet HTML 10Page - Linear Technology LT1633CS Datasheet HTML 11Page - Linear Technology LT1633CS Datasheet HTML 12Page - Linear Technology LT1633CS Datasheet HTML 13Page - Linear Technology LT1633CS Datasheet HTML 14Page - Linear Technology LT1633CS Datasheet HTML 15Page - Linear Technology LT1633CS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT1632/LT1633
APPLICATIONS INFORMATION
amplifiers operate over a very wide supply range, it is
possible to exceed the maximum junction temperature of
150
°C in plastic packages under certain conditions. Junc-
tion temperature TJ is calculated from the ambient tem-
perature TA and power dissipation PD as follows:
LT1632CN8: TJ = TA + (PD • 130°C/W)
LT1632CS8: TJ = TA + (PD • 190°C/W)
LT1633CS: TJ = TA + (PD • 150°C/W)
The power dissipation in the IC is the function of the supply
voltage, output voltage and load resistance. For a given
supply voltage, the worst-case power dissipation PDMAX
occurs at the maximum supply current and when the
output voltage is at half of either supply voltage (or the
maximum swing if less than 1/2 supply voltage). There-
fore PDMAX is given by:
PDMAX = (VS • ISMAX) + (VS/2)2/RL
To ensure that the LT1632/LT1633 are used properly,
calculate the worst-case power dissipation, use the ther-
mal resistance for a chosen package and its maximum
junction temperature to derive the maximum ambient
temperature.
Example: An LT1632CS8 operating on
±15V supplies and
driving a 500
Ω, the worst-case power dissipation per
amplifier is given by:
PDMAX = (30V • 5.6mA) + (15V – 7.5V)(7.5/500)
= 0.168 + 0.113 = 0.281W
If both amplifiers are loaded simultaneously, then the total
power dissipation is 0.562W. The SO-8 package has a
junction-to-ambient thermal resistance of 190
°C/W in still
air. Therefore, the maximum ambient temperature that the
part is allowed to operate is:
TA = TJ – (PDMAX • 190°C/W)
TA = 150°C – (0.562W • 190°C/W) = 43°C
For a higher operating temperature, lower the supply
voltage or use the DIP package part.
Input Offset Voltage
The offset voltage changes depending upon which input
stage is active, and the maximum offset voltages are
trimmed to less than 1350
µV. To maintain the precision
characteristics of the amplifier, the change of VOS over the
entire input common mode range (CMRR) is guaranteed
to be less than 1500
µV on a single 5V supply.
Input Bias Current
The input bias current polarity depends on the input
common mode voltage. When the PNP differential pair is
active, the input bias currents flow out of the input pins.
Q4
Q6
VBIAS
D7
D5
+IN
D2
Q3
Q7
Q1
I1
I2
+
+
Q9
Q2
D4
D1
D3
–IN
OUT
V –
V +
D8
D6
Q5
Q12
Q8
Q14
1632/33 F01
C1
R1
R6
225
Ω
R7
225
Ω
R3
V –
CC
R4
R5
C2
R2
Q11
Q13
Q15
BUFFER
AND
OUTPUT BIAS
Figure 1. LT1632 Simplified Schematic Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com