Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1633CS Datasheet(PDF) 5 Page - Linear Technology

Part # LT1633CS
Description  45MHz, 45V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1633CS Datasheet(HTML) 5 Page - Linear Technology

  LT1633CS Datasheet HTML 1Page - Linear Technology LT1633CS Datasheet HTML 2Page - Linear Technology LT1633CS Datasheet HTML 3Page - Linear Technology LT1633CS Datasheet HTML 4Page - Linear Technology LT1633CS Datasheet HTML 5Page - Linear Technology LT1633CS Datasheet HTML 6Page - Linear Technology LT1633CS Datasheet HTML 7Page - Linear Technology LT1633CS Datasheet HTML 8Page - Linear Technology LT1633CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1632/LT1633
ELECTRICAL CHARACTERISTICS
–40
°C < TA < 85°C, VS = 5V, 0V; VS = 3V, 0V; VCM = VOUT = half supply, unless otherwise noted. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V+
500
2200
µV
VCM = V–
500
2200
µV
∆VOS
Input Offset Voltage Shift
VCM = V– to V+
360
2200
µV
Input Offset Voltage Match (Channel-to-Channel) VCM = V–, V+ (Note 5)
700
3500
µV
IB
Input Bias Current
VCM = V+
0
1.15
2.2
µA
VCM = V
–
– 2.2
– 1.15
0
µA
∆IB
Input Bias Current Shift
VCM = V
– to V+
2.3
4.4
µA
Input Bias Current Match (Channel-to-Channel)
VCM = V+ (Note 5)
50
880
nA
VCM = V
– (Note 5)
50
880
nA
IOS
Input Offset Current
VCM = V
+
50
440
nA
VCM = V
–
50
440
nA
∆IOS
Input Offset Current Shift
VCM = V
– to V+
36
880
nA
Input Noise Voltage
0.1Hz to 10Hz
400
nVP-P
en
Input Noise Voltage Density
f = 1kHz
12
nV/
√Hz
in
Input Noise Current Density
f = 1kHz
1.6
pA/
√Hz
CIN
Input Capacitance
f = 100kHz
3
pF
AVOL
Large-Signal Voltage Gain
VO = – 14.5V to 14.5V, RL = 10k
800
5000
V/mV
VO = – 10V to 10V, RL = 2k
400
2500
V/mV
Channel Separation
VO = – 10V to 10V, RL = 2k
110
127
dB
CMRR
Common Mode Rejection Ratio
VCM = V
– to V +
82
98
dB
CMRR Match (Channel-to-Channel) (Note 5)
VCM = V
– to V +
80
101
dB
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
82
96
dB
PSRR Match (Channel-to-Channel) (Note 5)
VS = ±5V to ±15V
80
101
dB
VOL
Output Voltage Swing Low (Note 6)
No Load
16
35
mV
ISINK = 5mA
150
300
mV
ISINK = 25mA
600
1200
mV
VOH
Output Voltage Swing High (Note 6)
No Load
16
40
mV
ISOURCE = 5mA
250
500
mV
ISOURCE = 25mA
1200
2400
mV
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOH
Output Voltage Swing High (Note 6)
No Load
q
16
40
mV
ISOURCE = 0.5mA
q
55
110
mV
ISOURCE = 15mA, VS = 5V
q
860
1700
mV
ISOURCE = 10mA, VS = 3V
q
580
1200
mV
ISC
Short-Circuit Current
VS = 5V
q
±17
±36
mA
VS = 3V
q
±12
±24
mA
IS
Supply Current per Amplifier
q
4.95
6.2
mA
GBW
Gain-Bandwidth Product (Note 7)
f = 100kHz
q
20
40
MHz
SR
Slew Rate (Note 8)
VS = 5V, AV = –1, RL = Open, VO = 4V
q
11
22
V/
µs
VS = 3V, AV = –1, RL = Open
q
918
V/
µs
TA = 25°C, VS = ±15V, VCM = 0V, VOUT = 0V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com