Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1633CS Datasheet(PDF) 10 Page - Linear Technology

Part # LT1633CS
Description  45MHz, 45V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1633CS Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1633CS Datasheet HTML 6Page - Linear Technology LT1633CS Datasheet HTML 7Page - Linear Technology LT1633CS Datasheet HTML 8Page - Linear Technology LT1633CS Datasheet HTML 9Page - Linear Technology LT1633CS Datasheet HTML 10Page - Linear Technology LT1633CS Datasheet HTML 11Page - Linear Technology LT1633CS Datasheet HTML 12Page - Linear Technology LT1633CS Datasheet HTML 13Page - Linear Technology LT1633CS Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1632/LT1633
TYPICAL PERFORMANCE CHARACTERISTICS
Output Step vs
Settling Time to 0.01%
SETTLING TIME (
µs)
0
0.25
–10
–8
–4
–2
0
10
4
0.50
0.75
1.00
1632/33 G18
–6
6
8
2
VS = ±15V
NONINVERTING
INVERTING
INVERTING
NONINVERTING
CAPACITIVE LOAD (pF)
1
10
100
1000
1632/33 G16
90
80
70
60
50
40
30
VS = 5V, 0V
AV = 1
RL = 1k
Capacitive Load Handling
OUTPUT VOLTAGE (V)
–5 –4 –3 –2 –1
200
150
100
50
0
–50
–100
–150
–200
3
1632/33 G21
1
02
4
6
57
VS = ±15V
RL = 100Ω
OUTPUT VOLTAGE (V)
0
3
5
1632/33 G20
12
4
20
15
10
5
0
–5
–10
– 15
–20
6
VS = 5V, 0V
RL = 1k
RL = 10k
Open-Loop Gain
Open-Loop Gain
Open-Loop Gain
OUTPUT VOLTAGE (V)
–20 –15
0
10
20
1632/33 G19
–10
–20
–10
– 5
05
10
15
20
–5
5
–15
15
VS = ±15V
RL = 1k
RL = 10k
TIME AFTER POWER-UP (SEC)
0
100
0
–100
–200
–300
–400
–500
60
100
160
1632/33 G22
20
40
80
120 140
N8 PACKAGE, VS = 5V, 0V
S8 PACKAGE, VS = 5V, 0V
N8 PACKAGE, VS = ±15V
LT1633CS, VS = 5V, 0V
S8 PACKAGE, VS = ±15V
LT1633CS, VS = ±15V
FREQUENCY (kHz)
1
0.1
0.01
0.001
0.0001
0.1
10
100
1632/33 G23
1
VS = 3V, 0V
AV = 1
VIN = 2VP-P
RL = 10k
VS = 5V, 0V
AV = 1
VS = 5V, 0V AND 3V, 0V
AV = –1
Total Harmonic Distortion + Noise
vs Frequency
TOTAL SUPPLY VOLTAGE (V)
0
812
20
28
32
416
24
36
1632/33 G17
55
50
45
40
35
30
25
20
RISING EDGE
FALLING EDGE
VOUT = 80% OF VS
AV = –1
Slew Rate vs Supply Voltage
FREQUENCY (kHz)
1
10
100
1000
1630/31 G24
5
4
3
2
1
0
AV = –1
VS = 5V, 0V
AV = 1
Maximum Undistorted Output
Signal vs Frequency
Warm-Up Drift vs Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com