Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1090CSW Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1090CSW
Description  Single Chip 10-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1090CSW Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1090CSW Datasheet HTML 4Page - Linear Technology LTC1090CSW Datasheet HTML 5Page - Linear Technology LTC1090CSW Datasheet HTML 6Page - Linear Technology LTC1090CSW Datasheet HTML 7Page - Linear Technology LTC1090CSW Datasheet HTML 8Page - Linear Technology LTC1090CSW Datasheet HTML 9Page - Linear Technology LTC1090CSW Datasheet HTML 10Page - Linear Technology LTC1090CSW Datasheet HTML 11Page - Linear Technology LTC1090CSW Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
LTC1090
1090fc
TYPICAL PERFOR A CE CHARACTERISTICS
Change in Offset Error
vs Temperature
Change in Linearity Error
vs Temperature
Change in Gain Error
vs Temperature
Maximum Conversion Clock Rate
vs Temperature
Maximum Conversion Clock Rate
vs Reference Voltage
Maximum Conversion Clock Rate
vs Supply Voltage
Maximum Conversion Clock Rate
vs Source Resistance
Maximum Filter Resistor vs Cycle
Time
Sample-and-Hold Acquisition
Time vs Source Resistance
*MAXIMUM ACLK FREQUENCY REPRESENTS THE ACLK FREQUENCY AT WHICH A 0.1LSB
SHIFT IN THE ERROR AT ANY CODE TRANSITION FROM ITS 2MHz VALVE IS FIRST DETECTED.
**MAXIMUM RFILTER REPRESENTS THE FILTER RESISTOR VALVE AT WHICH A 0.1LSB SHIFT
CHANGE IN FULL SCALE ERROR FROM ITS VALUE AT RFILTER = 0 IS FIRST DETECTED.
AMBIENT TEMPERATURE, TA (°C)
–50
0.4
0.5
0.6
25
75
LTC1090 • TPC10
0.3
0.2
–25
0
50
100
125
0.1
0
VCC = 5V
VREF = 5V
ACLK = 2MHz
AMBIENT TEMPERATURE, TA (°C)
–50
0.4
0.5
0.6
25
75
LTC1090 • TPC11
0.3
0.2
–25
0
50
100
125
0.1
0
VCC = 5V
VREF = 5V
ACLK = 2MHz
AMBIENT TEMPERATURE, TA (°C)
–50
0.4
0.5
0.6
25
75
LTC1090 • TPC12
0.3
0.2
–25
0
50
100
125
0.1
0
VCC = 5V
VREF = 5V
ACLK = 2MHz
AMBIENT TEMPERATURE, TA (°C)
–50
4
5
6
25
75
LTC1090 • TPC13
3
2
–25
0
50
100
125
1
0
VCC = 5V
VREF = 5V
REFERENCE VOLTAGE, VREF (V)
0
3
4
5
4
LTC1090 • TPC14
2
1
0
1
2
3
5
VCC = 5V
TA = 25°C
SUPPLY VOLTAGE, VCC (V)
4
7
6
5
4
3
2
1
0
79
LTC1090 • TPC15
56
810
VREF = 4V
TA = 25°C
RSOURCE– (Ω)
10
0
3
4
5
100
1k
10k
LTC1090 • TPC16
2
1
+INPUT
–INPUT
VIN
VCC = 5V
VREF = 5V
TA = 25°C
RSOURCE–
CYCLE TIME, tCYC (µs)
100
1k
10k
100k
100
1000
10k
LTC1090 • TPC17
10
10
+
RFILTER
CFILTER ≥ 1µF
VIN
_
RSOURCE+ (Ω)
100
0.1
1
10
1k
10k
LTC1090 • TPC18
+
RSOURCE+
VIN
_
VREF = 5V
VCC = 5V
TA = 25°C
0 TO 5V INPUT STEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com