Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1090CSW Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1090CSW
Description  Single Chip 10-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1090CSW Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1090CSW Datasheet HTML 6Page - Linear Technology LTC1090CSW Datasheet HTML 7Page - Linear Technology LTC1090CSW Datasheet HTML 8Page - Linear Technology LTC1090CSW Datasheet HTML 9Page - Linear Technology LTC1090CSW Datasheet HTML 10Page - Linear Technology LTC1090CSW Datasheet HTML 11Page - Linear Technology LTC1090CSW Datasheet HTML 12Page - Linear Technology LTC1090CSW Datasheet HTML 13Page - Linear Technology LTC1090CSW Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
LTC1090
1090fc
Data transfer is initiated by a falling chip select (CS) signal.
After the falling CS is recognized, an 8-bit input word
is shifted into the DIN input which configures the LTC1090
for the next conversion. Simultaneously, the result of the
previous conversion is output on the DOUT line. At the end
of the data exchange the requested conversion begins and
CS should be brought high. After tCONV, the conversion is
complete and the results will be available on the next data
transfer cycle. As shown below, the result of a conversion
is delayed by one CS cycle from the input word requesting
it.
2. Input Data Word
The LTC1090 8-bit input data word is clocked into the DIN
input on the first eight rising SCLK edges after chip select
is recognized. Further inputs on the DIN pin are then
ignored until the next CS cycle. The eight bits of the input
word are defined as follows:
Multiplexer (MLIX) Address
The first four bits of the input word assign the MUX
configuration for the requested conversion. For a given
channel selection, the converter will measure the voltage
between the two channels indicated by the + and – signs
in the selected row of Table 1. Note that in differential
mode (SGL/DIFF = O) measurements are limited to four
adjacent input pairs with either polarity. In single ended
mode, all input channels are measured with respect to
COM. Figure 1 shows some examples of multiplexer
assignments.
Table 1. Multiplexer Channel Selection
MUX ADDRESS
DIFFERENTIAL CHANNEL SELECTION
SGL/
ODD
SELECT
DIFF
SIGN
1
0
0
1
234567
00
0
0
+
–
00
0
1
+
–
00
1
0
+
–
00
1
1
+
–
01
0
0
–
+
01
0
1
–
+
01
1
0
–
+
01
1
1
–
+
MUX ADDRESS
SINGLE ENDED CHANNEL SELECTION
SGL/ ODD/
SELECT
DIFF SIGN
1
0
0
1
2
3
4
5
6
7 COM
100
0
+
–
100
1
+
–
101
0
+
–
101
1
+
–
110
0
+
–
110
1
+
–
111
0
+
–
111
1
+
–
APPLICATIO S I FOR ATIO
LTC1090 • AI02
Data
Transfer
tCONV
A/D
Conversion
DOUT
DIN
DIN Word 1
DOUT Word 0
tCONV
A/D
Conversion
Data
Transfer
DIN Word 2
DOUT Word 1
DIN Word 3
DOUT Word 2
LTC1090• AI03
Data Input (DIN) Word:
ODD/
SIGN
SELECT
1
SELECT
0
UNI
MSBF
WL1
Word Length
MUX Address
Unipolar/
Bipolar
MSB First/
LSB First
WL0
SGL/
DIFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com