Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1090CSW Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1090CSW
Description  Single Chip 10-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1090CSW Datasheet(HTML) 5 Page - Linear Technology

  LTC1090CSW Datasheet HTML 1Page - Linear Technology LTC1090CSW Datasheet HTML 2Page - Linear Technology LTC1090CSW Datasheet HTML 3Page - Linear Technology LTC1090CSW Datasheet HTML 4Page - Linear Technology LTC1090CSW Datasheet HTML 5Page - Linear Technology LTC1090CSW Datasheet HTML 6Page - Linear Technology LTC1090CSW Datasheet HTML 7Page - Linear Technology LTC1090CSW Datasheet HTML 8Page - Linear Technology LTC1090CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
LTC1090
1090fc
On and Off Channel Leakage Current
Voltage Waveforms for DOUT Delay Time, tdDO
Voltage Waveforms for ten and tdis
TEST CIRCUITS
SCLK
0.8V
2.4V
0.4V
2.4V
tr
tf
0.4V
tdDO
DOUT
DOUT
LTC1090 • TC02
Voltage Waveforms for DOUT Rise and Fall Times, tr, tf
ION
5V
OFF
CHANNELS
ON CHANNELS
POLARITY
IOFF
A
A
LTC1090 • TC01
ACLK
CS
DOUT
WAVEFORM 1
(SEE NOTE 1)
DOUT
WAVEFORM 2
(SEE NOTE 2)
1
NOTE 1: WAVEFORM 1 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH THAT THE OUTPUT
IS HIGH UNLESS DISABLED BY THE OUTPUT CONTROL
NOTE 2: WAVEFORM 2 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH THAT THE OUTPUT
IS LOW UNLESS DISABLED BY THE OUTPUT CONTROL
2
LTC1090 • TC03
2.4V
90%
2.0V
0.4V
10%
ten
tdis
Load Circuit for tdis and ten
Load Circuit for tdDO, tr, and tf
3k
100pF
DOUT
1.4V
TEST POINT
LTC1090 • TC05
WAVEFORM 1
3k
100pF
DOUT
TEST
POINT
WAVEFORM 2
5V
LTC1090 • TC04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com