Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1090CSW Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1090CSW
Description  Single Chip 10-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1090CSW Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1090CSW Datasheet HTML 12Page - Linear Technology LTC1090CSW Datasheet HTML 13Page - Linear Technology LTC1090CSW Datasheet HTML 14Page - Linear Technology LTC1090CSW Datasheet HTML 15Page - Linear Technology LTC1090CSW Datasheet HTML 16Page - Linear Technology LTC1090CSW Datasheet HTML 17Page - Linear Technology LTC1090CSW Datasheet HTML 18Page - Linear Technology LTC1090CSW Datasheet HTML 19Page - Linear Technology LTC1090CSW Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
16
LTC1090
1090fc
Motorola SPI (MC68HC05C4)
The MC68HC05C4 transfers data MSB first and in 8-bit
increments. Programming the LTC1090 for MSB first
format and 16-bit word length allows the 10-bit data
output to be received by the MPU as two 8-bit bytes with
the final 6 unused bits filled with zeroes by the LTC1090.
Hardware and Software Interface to Motorola MC68HC05C4
Processor
Hitachi Synchronous SCI (HD63705)
The HD63705 transfers serial data in 8-bit increments,
LSB first. To accommodate this, the LTC1090 is
programmed for 16-bit word length and LSB first format.
The 10-bit output data is received by the processor as two
8-bit bytes, LSB first. The LTC1090 fills the final 6 unused
bits (after the MSB) with zeroes in unipolar mode and with
the sign bit in bipolar mode.
Hardware and Software Interface to Hitachi HD63705 Processor
APPLICATIO S I FOR ATIO
MNEMONIC
DESCRIPTION
BCLR n
C0 is cleared (CS goes Low)
LDA
Load DIN for LTC1090 into ACC
STA
Load DIN from ACC to SPI data reg. Start SCK
NOP
8 NOPs for timing
LDA
Load contents of SPI status reg. into ACC
LDA
Load LTC1090 DOUT from SPI data reg. into ACC (byte 1)
STA
Load LTC1090 DOUT into RAM (location A)
STA
Start next SPl cycle
NOP
6 NOPs for timing
BSET n
C0 is set (CS goes high)
LDA
Load contents of SPI status reg. into ACC
LDA
Load LTC1090 DOUT from SPI data reg. into ACC (byte 2)
STA
Load LTC1090 DOUT into RAM (location A + 1)
LTC1090
ANALOG
INPUTS
DOUT
DOUT from LTC1090 stored in MC68HCO5C4 RAM
DIN
SCLK
CO
SCK
MOSI
MISO
MC68HCO5C4
CS
B9
Location A
Location A + 1
byte 1
byte 2
*B9 is MSB in unipolar or sign bit in bipolar
MSB*
LSB
B8 B7 B6 B5 B4 B3 B2
B1 B0
0
0
0
0
0
0
LTC1090 • AI12
MNEMONIC
DESCRIPTION
LDA
Load DIN word for LTC1090 into ACC from RAM
BCLR n
C0 cleared (CS goes low)
STA
Load DIN word for LTC1090 into SCI data reg. from ACC
and start clocking data (LSB first)
NOP
6 NOPs for timing
LDA
Load contents of SCI data reg. into ACC (byte 1)
Start next SCI cycle
STA
Load LTC1090 DOUT word into RAM (Location A)
NOP
Timing
BSET n
C0 set (CS goes high)
LDA
Load contents of SCI data reg. into ACC (byte 2)
STA
Load LTC1090 DOUT word into RAM (Location A + 1)
LTC1090
ANALOG
INPUTS
DOUT
DOUT from LTC1090 stored in HD63705 RAM
DIN
SCLK
C0
CK
TX
RX
HD63705
CS
B7
Location A
Location A + 1
Bipolar
Sign
byte 1
byte 2
LSB
B6 B5 B4 B3 B2 B1 B0
B9 B9 B9 B9 B9 B9 B9 B8
LTC1090 • AI13
B7
Location A
Location A + 1
Unipolar
byte 1
byte 2
LSB
MSB
B6 B5 B4 B3 B2 B1 B0
00 0
0
0
0 B9 B8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com