Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1090CSW Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1090CSW
Description  Single Chip 10-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1090CSW Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1090CSW Datasheet HTML 5Page - Linear Technology LTC1090CSW Datasheet HTML 6Page - Linear Technology LTC1090CSW Datasheet HTML 7Page - Linear Technology LTC1090CSW Datasheet HTML 8Page - Linear Technology LTC1090CSW Datasheet HTML 9Page - Linear Technology LTC1090CSW Datasheet HTML 10Page - Linear Technology LTC1090CSW Datasheet HTML 11Page - Linear Technology LTC1090CSW Datasheet HTML 12Page - Linear Technology LTC1090CSW Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
LTC1090
1090fc
TYPICAL PERFOR A CE CHARACTERISTICS
Digital Input Logic Threshold vs
Supply Voltage
Input Channel Leakage Current
vs Temperature
Noise Error vs Reference Voltage
The LTC1090 is a data acquisition component which
contains the following functional blocks:
1. 10-bit successive approximation capacitive
A/D converter
2. Analog multiplexer (MUX)
3. Sample and hold (S/H)
4. Synchronous, full duplex serial interface
5. Control and timing logic
DIGITAL CONSIDERATIONS
1. Serial Interface
The LTC1090 communicates with microprocessors and
other external circuitry via a synchronous, full duplex,
four wire serial interface (see Operating Sequence). The
shift clock (SCLK) synchronizes the data transfer with
each bit being transmitted on the falling SCLK edge
and captured on the rising SCLK edge in both transmit-
ting and receiving systems. The data is transmitted and
received simultaneously (full duplex).
Operating Sequence
(Example: Differential Inputs (CH3 to CH2), Bipolar, MSB First and 10-Bit Word Length)
REFERENCE VOLTAGE, VREF (V)
0.2
0.5
1.0
2.0
15
LTC1090 • TPC21
1.5
0.25
0.75
1.75
1.25
LTC1090 NOISE = 200µV PEAK-TO-PEAK
APPLICATIO S I FOR ATIO
SUPPLY VOLTAGE, VCC (V)
4
0
1
2
3
4
56
7
8
LTC1090 • TPC19
910
TA = 25°C
AMBIENT TEMPERATURE, TA (°C)
–50
100
300
400
500
1000
700
0
50
75
LTC1090 • TPC20
200
800
900
600
–25
25
100
125
GUARANTEED
ON CHANNEL
OFF CHANNELS
LTC1090 • AI01
B9
(SB)
SHIFT A/D RESULT OUT AND
NEW CONFIGURATION WORD IN
B8
B7
B6
B5
B4
B3
B2
B1
B0
SHIFT CONFIGURATION
WORD IN
ODD/
SIGN
SGL/
DIFF
SEL1
DIN
CS
15
8
10
SCLK
DOUT
SEL0 UNI MSBF WL1 WL0
tCYC
tSMPL
tCONV
DON’T CARE
DON’T CARE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com