Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1090CSW Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1090CSW
Description  Single Chip 10-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1090CSW Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1090CSW Datasheet HTML 8Page - Linear Technology LTC1090CSW Datasheet HTML 9Page - Linear Technology LTC1090CSW Datasheet HTML 10Page - Linear Technology LTC1090CSW Datasheet HTML 11Page - Linear Technology LTC1090CSW Datasheet HTML 12Page - Linear Technology LTC1090CSW Datasheet HTML 13Page - Linear Technology LTC1090CSW Datasheet HTML 14Page - Linear Technology LTC1090CSW Datasheet HTML 15Page - Linear Technology LTC1090CSW Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
12
LTC1090
1090fc
Unipolar Output Code (UNI = 1)
INPUT VOLTAGE
OUTPUT CODE
INPUT VOLTAGE
(VREF = 5V)
1111111111
VREF – 1LSB
4.9951V
1111111110
VREF – 2LSB
4.9902V
•••
•••
•••
0000000001
1LSB
0.0049V
0000000000
0V
0V
Bipolar Output Code (UNI = 0)
INPUT VOLTAGE
OUTPUT CODE
INPUT VOLTAGE
(VREF = 5V)
0111111111
VREF – 1LSB
4.9902V
0111111110
VREF – 2LSB
4.9805V
•••
•••
•••
0000000001
1LSB
0.0098V
0000000000
0V
0V
1111111111
–1LSB
–0.0098V
1111111110
–2LSB
–0.0195V
•••
•••
•••
1000000001
– (VREF) + 1LSB
–4.9902V
1000000000
– (VREF)–5.000V
MSB First/LSB First Format (MSBF)
The output data of the LTC1090 is programmed for MSB
first or LSB first sequence using the MSBF bit. For MSB
first output data the input word clocked to the LTC1090
should always contain a logical one in the sixth bit location
(MSBF bit). Likewise for LSB first output data, the input
word clocked to the LTC1090 should always contain a zero
in the MSBF bit location. The MSBF bit in a given DIN word
will control the order of the next DOUT word. The MSBF bit
affects only the order of the output data word. The order
of the input word is unaffected by this bit.
MSBF
OUTPUT FORMAT
0LSB First
1
MSB First
Word Length (WL1, WL0)
The last two bits of the input word (WL1 and WL0) program
the output data word length of the LTC1090. Word lengths
of 8, 10, 12 or 16 bits can be selected according to the
following table. The WL1 and WL0 bits in a given DIN word
control the length of the present, not the next, DOUT word.
WL1 and WL0 are never “don’t cares” and must be set for
the correct DOUT word length even when a “dummy” DIN
word is sent. On any transfer cycle, the word length should
be made equal to the number of SCLK cycles sent by the
MPU.
WL1
WL0
OUTPUT WORD LENGTH
00
8 Bits
01
10 Bits
10
12 Bits
11
16 Bits
Figure 2 shows how the data output (DOUT) timing can be
controlled with word length selection and MSB/LSB first
format selection.
3. Deglitcher
A deglitching circuit has been added to the Chip Select
input of the LTC1090 to minimize the effects of errors
caused by noise on that input. This circuit ignores changes
in state on the CS input that are shorter in duration than 1
ACLK cycle. After a change of state on the CS input, the
LTC1090 waits for two falling edges of the ACLK before
recognizing a valid chip select. One indication of CS low
recognition is the DOUT line becoming active (leaving the
Hi-Z state). Note that the deglitching applies to both the
rising and falling CS edges.
APPLICATIO S I FOR ATIO
HIGH Z
HIGH Z
ACLK
ACLK
VALID OUTPUT
DOUT
DOUT
CS
CS
LOW CS RECOGNIZED
INTERNALLY
HIGH CS RECOGNIZED
INTERNALLY
LTC1090 • AI07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com