Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1090CSW Datasheet(PDF) 23 Page - Linear Technology

Part # LTC1090CSW
Description  Single Chip 10-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1090CSW Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC1090CSW Datasheet HTML 19Page - Linear Technology LTC1090CSW Datasheet HTML 20Page - Linear Technology LTC1090CSW Datasheet HTML 21Page - Linear Technology LTC1090CSW Datasheet HTML 22Page - Linear Technology LTC1090CSW Datasheet HTML 23Page - Linear Technology LTC1090CSW Datasheet HTML 24Page - Linear Technology LTC1090CSW Datasheet HTML 25Page - Linear Technology LTC1090CSW Datasheet HTML 26Page - Linear Technology LTC1090CSW Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
23
LTC1090
1090fc
SNEAK-A-BIT
TM
The LTC1090’s unique ability to software select the polar-
ity of the differential inputs and the output word length is
used to achieve one more bit of resolution. Using the
circuit below with two conversions and some software, a
2’s complement 10-bit + sign word is returned to memory
inside the MPU. The MC68HC05C4 was chosen as an
example; however, any processor could be used.
Two 10-bit unipolar conversions are performed: the first
over a 0 to 5V span and the second over a 0 to –5V span
(by reversing the polarity of the inputs). The sign of the
input is determined by which of the two spans contained
it. Then the resulting number (ranging from –1023 to 1023
decimal) is converted to 2’s complement notation and
stored in RAM.
A “Quick Look” Circuit for the LTC1090
Scope Trace of LTC1090 “Quick Look” Circuit
Showing A/D Output of 0101010101 (155HEX)
A “Quick Look” Circuit for the LTC1090
Users can get a quick look at the function and timing of the
LTC1090 by using the following simple circuit. REF+ and
DIN are tied to VCC selecting a 5V input span, CH7 as a
single ended input, unipolar mode, MSB first format and
16-bit word length. ACLK and SCLK are tied together and
driven by an external clock. CS is driven at 1/64 the clock
rate by the CD4520 and DOUT outputs the data. All other
pins are tied to a ground plane. The output data from the
DOUT pin can be viewed on an oscilloscope which is set up
to trigger on the falling edge of CS.
TYPICAL APPLICATIO
SNEAK-A-BIT Circuit
SNEAK-A-BIT is a trademark of Linear Technology Corp.
LTC1090 • TA04
10µF
9V
VIN
–5V TO 5V
OTHER CHANNELS
OR SNEAK-A-BIT
INPUTS
CH0
CH1
CH2
CH3
CH4
CH5
SCK
MOSI
MISO
CO
CH6
CH7
0.1µF
–5V
COM
DGND
VCC
ACLK
SCLK
DIN
DOUT
REF +
REF –
V –
AGND
LTC1090
MC68HC05C4
2MHz
CLOCK
CS
LT1021-5
CS
DOUT
DEGLITCHER
TIME
MSB
(B9)
LSB
(B0)
FILLS
ZERO
LTC1090 • TA03
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
DGND
VCC
ACLK
SCLK
DIN
DOUT
REF +
REF –
V –
AGND
LTC1090
CS
CLK
EN
f/64
5V
4.7µF
f
Q1
Q2
Q3
Q4
RESET
0.1
RESET
Q4
Q3
VSS
VIN
VDD
Q1
EN
CLK
LTC1090
Q2
CLOCK IN
1MHz MAX
TO OSCILLOSCOPE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com