Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1314CS Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1314CS
Description  PCMCIA Switching Matrix with Built-In N-Channel VCC Switch Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1314CS Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1314CS Datasheet HTML 4Page - Linear Technology LTC1314CS Datasheet HTML 5Page - Linear Technology LTC1314CS Datasheet HTML 6Page - Linear Technology LTC1314CS Datasheet HTML 7Page - Linear Technology LTC1314CS Datasheet HTML 8Page - Linear Technology LTC1314CS Datasheet HTML 9Page - Linear Technology LTC1314CS Datasheet HTML 10Page - Linear Technology LTC1314CS Datasheet HTML 11Page - Linear Technology LTC1314CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC1314/LTC1315
APPLICATIONS INFORMATION
+
VDD
1
µF
VPPIN
SHDN
Q1A
1/2 Si9956DY
Si9956DY
Q2A
Q2B
VPPOUT
VPP1
VPP2
VCC
1314/15 F03
LTC1314
PCMCIA
CONTROLLER
EN0
EN1
GND
PGND
VOUT
2N7002
13V TO 20V
(MAY BE FROM
AUXILLARY
WINDING)
VIN
200pF
121k
1%
56.2k
1%
LT1121
SHDN
5V
5V
ADJ
VCC0
VCC1
DRV5
VCCIN
DRV3
GND
5V
3.3V
PC CARD
SOCKET
+
1
µF
0.1
µF
+
10
µF
100k
the asymmetrical turn-on and turn-off of the MOSFETs.
The LT1301 switching regulator is in shutdown mode and
consumes only 10
µA until the VPP pins require 12V.
The VPP switching is accomplished by a combination of
the LTC1314/LTC1315 and LT1301. The LT1301 is in
shutdown mode to conserve power until the VPP pins
require 12V. When the VPP pins require 12V, the LT1301
is activated and the LTC1314/LTC1315’s internal switches
route the VPPIN pin to the VPPOUT pin. The LT1301 is
capable of delivering 12V at 120mA maintaining high
efficiency. The LTC1314/LTC1315’s break-before-make
and slope-controlled switching will ensure that the output
voltage transition will be smooth, of moderate slope, and
without overshoot. This is critical for flash memory prod-
ucts to prevent damaging parts from overshoot and
ringing exceeding the 13.5V device limit.
With Higher Voltage Supplies Available
Often systems have an available supply voltage greater
than 12V. The LTC1314/LTC1315 can be used in conjunc-
tion with an LT1121 linear regulator to supply the PC card
socket with all necessary voltages. Figures 3 and 4 show
these circuits. The LTC1314/LTC1315 enable the LT1121
linear regulator only when 12V is required at the VPP pins.
In all other modes the LT1121 is in shutdown mode and
consumes only 16
µA. The LT1121 also provides thermal
shutdown and current limiting features to protect the
socket, the card and the system regulator.
Supply Bypassing
For best results, bypass VCCIN and VPPIN at their inputs
with 1
µFcapacitors.VPPOUTshouldhavea0.01µFto0.1µF
capacitor for noise reduction and electrostatic discharge
(ESD) damage prevention. Larger values of output capaci-
tor will create large current spikes during transitions,
requiring larger bypass capacitors on the VCCIN and VPPIN
pins.
Figure 3. LTC1314 with the LT1121 Linear Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com