Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1314CS Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1314CS
Description  PCMCIA Switching Matrix with Built-In N-Channel VCC Switch Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1314CS Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1314CS Datasheet HTML 3Page - Linear Technology LTC1314CS Datasheet HTML 4Page - Linear Technology LTC1314CS Datasheet HTML 5Page - Linear Technology LTC1314CS Datasheet HTML 6Page - Linear Technology LTC1314CS Datasheet HTML 7Page - Linear Technology LTC1314CS Datasheet HTML 8Page - Linear Technology LTC1314CS Datasheet HTML 9Page - Linear Technology LTC1314CS Datasheet HTML 10Page - Linear Technology LTC1314CS Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1314/LTC1315
APPLICATIONS INFORMATION
Figure 1. LTC1314 Switch Matrix with the LT1301 Boost Regulator
Figure 2. Typical Two-Socket Application Using the LTC1315 and the LT1301
+
VDD
C2
33
µF
AVPPIN
ASHDN
BSHDN
Q1A
1/2 Si9956DY
Si9956DY
Q2A
Q2B
AVPPOUT
BVPPIN
VPP1
VPP2
VCC
LTC1315
PCMCIA
CONTROLLER
AEN0
AEN1
SW
L1
22
µH
D1
MBRS130LT3
VCC
GND
PGND
SENSE
SELECT
LT1301
SHDN
NC
C1: AVX TPSD476M016R0150
C2: AVX TPSD336M020R0200
L1: SUMIDA CD75-220K
ILIM
AVCC0
AVCC1
ADRV5
AVCCIN
ADRV3
GND
5V
3.3V
PC CARD
SOCKET
#1
+
C1
47
µF
+
1
µF
0.1
µF
Q1B
1/2 Si9956DY
Si9956DY
Q3A
Q3B
BVPPOUT
VPP1
VPP2
VCC
1314/15 F02
BEN0
BEN1
BVCC0
BVCC1
BDRV5
BVCCIN
BDRV3
5V
3.3V
PC CARD
SOCKET
#2
+
1
µF
0.1
µF
+
VDD
C2
33
µF
VPPIN
SHDN
Q1A
1/2 Si9956DY
Si9956DY
Q2A
Q2B
VPPOUT
VPP1
VPP2
VCC
LTC1314 • F01
LTC1314
PCMCIA
CONTROLLER
EN0
EN1
SW
L1
22
µH
D1
MBRS130LT3
VCC
GND
PGND
SENSE
SELECT
LT1301
SHDN
NC
C1: AVX TPSD476M016R0150
C2: AVX TPSD336M020R0200
L1: SUMIDA CD75-220K
5V
ILIM
VCC0
VCC1
DRV5
VCCIN
DRV3
GND
5V
3.3V
PC CARD
SOCKET
+
C1
47
µF
+
1
µF
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com