Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1314CS Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1314CS
Description  PCMCIA Switching Matrix with Built-In N-Channel VCC Switch Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1314CS Datasheet(HTML) 2 Page - Linear Technology

  LTC1314CS Datasheet HTML 1Page - Linear Technology LTC1314CS Datasheet HTML 2Page - Linear Technology LTC1314CS Datasheet HTML 3Page - Linear Technology LTC1314CS Datasheet HTML 4Page - Linear Technology LTC1314CS Datasheet HTML 5Page - Linear Technology LTC1314CS Datasheet HTML 6Page - Linear Technology LTC1314CS Datasheet HTML 7Page - Linear Technology LTC1314CS Datasheet HTML 8Page - Linear Technology LTC1314CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1314/LTC1315
A
G
A
U
A
R
BSOLUTEXI
TI
S
VPPIN to GND ........................................ 13.2V to – 0.3V
VDD to GND................................................. 7V to – 0.3V
VCCIN to GND .............................................. 7V to – 0.3V
VPPOUT to GND...................................... 13.2V to – 0.3V
Digital Input Voltage ................................... 7V to – 0.3V
Operating Temperature Range .................... 0
°C to 70°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
LTC1314/LTC1315
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCCIN
Input Voltage Range
q
3
5.5
V
VPPIN
Input Voltage Range
q
0
12.6
V
VDD
Supply Voltage Range
q
4.5
5.5
V
ICC
VCCIN Supply Current, No Load
VPPOUT = VPPIN, VCCIN, 0V or Hi-Z
q
0.1
1
µA
IPP
VPPIN Supply Current, No Load
VPPOUT = VPPIN, VCCIN
q
15
40
µA
VPPOUT = 0V, Hi-Z
q
0.1
1
µA
IDD
VDD Supply Current, No Load
VPPOUT = VPPIN or VCCIN
q
60
120
µA
VPPOUT = 0V or Hi-Z
q
0.1
10
µA
VPPOUT = 0V or Hi-Z, DRV3 or DRV5 On
q
85
200
µA
IIN
Input Current: EN0, EN1, VCC0 or VCC1
0V < VIN < VDD
q
±1
µA
IOUT
High Impedance Output Leakage Current
EN0 = EN1 = 5V, 0V < VPPOUT < 12V
q
0.1
10
µA
RON
On Resistance, VPPOUT = VPPIN
VPPIN = 12V, ILOAD = 120mA
q
0.55
1.2
Ω
On Resistance, VPPOUT = VCCIN
VCCIN = 5V, ILOAD = 5mA
q
25
Ω
On Resistance, VPPOUT = GND
VDD = 5V, ISINK = 1mA
q
100
250
Ω
VINH
Input High Voltage, Digital Inputs
q
2V
VINL
Input Low Voltage, Digital Inputs
q
0.8
V
VDD = 5V, VCCIN = 5V, VPPIN = 12V, TA = 25°C unless otherwise specified.
LTC1314CS
ORDER PART
NUMBER
ORDER PART
NUMBER
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
G PACKAGE
24-LEAD PLASTIC SSOP
24
23
22
21
20
19
18
17
16
15
14
13
AVPPIN
ASHDN
AEN0
AEN1
AVCC0
AVCC1
BVPPIN
BSHDN
BEN0
BEN1
BVCC0
BVCC1
AVCCIN
AVPPOUT
GND
VDD
ADRV3
ADRV5
BVCCIN
BVPPOUT
GND
VDD
BDRV3
BDRV5
TJMAX = 125°C, θJA = 95°C/W
TJMAX = 125°C, θJA = 110°C/W
Consult factory for Industrial and Military grade parts.
LTC1315CG
TOP VIEW
S PACKAGE
14-LEAD PLASTIC SO
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VPPIN
NC
SHDN
EN0
EN1
VCC0
VCC1
VCCIN
NC
VPPOUT
GND
VDD
DRV3
DRV5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com