Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1314CS Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1314CS
Description  PCMCIA Switching Matrix with Built-In N-Channel VCC Switch Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1314CS Datasheet(HTML) 4 Page - Linear Technology

  LTC1314CS Datasheet HTML 1Page - Linear Technology LTC1314CS Datasheet HTML 2Page - Linear Technology LTC1314CS Datasheet HTML 3Page - Linear Technology LTC1314CS Datasheet HTML 4Page - Linear Technology LTC1314CS Datasheet HTML 5Page - Linear Technology LTC1314CS Datasheet HTML 6Page - Linear Technology LTC1314CS Datasheet HTML 7Page - Linear Technology LTC1314CS Datasheet HTML 8Page - Linear Technology LTC1314CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1314/LTC1315
PIN FUNCTIONS
TYPICAL PERFORMANCE CHARACTERISTICS
VDD (V)
01
24
3
5
6
1314/15 G04
80
70
60
50
40
30
20
10
0
VPPOUT = VPPIN
VPPOUT = VCCIN
VPPOUT = 0V
OR HI-Z
VPPIN = 12V
VCCIN = 5V
T = 25
°C
VPPIN (V)
0
20
18
16
14
12
10
8
6
4
2
0
4
8
10
1314/15 G05
2
6
12
14
VPPOUT = VPPIN
VPPOUT = VCCIN
VPPOUT = 0V
OR HI-Z
VDD = VCCIN = 5V
T = 25
°C
IPPIN vs VPPIN
LTC1314
VPPIN (Pin 1): 12V Power Input.
NC (Pin 2): Not Connected.
SHDN (Pin 3): Shutdown Output. When the output is high,
the external 12V regulator can be shut down to conserve
power consumption.
EN0, EN1 (Pins 4, 5): Logic inputs that control the voltage
output on VPPOUT. The input thresholds are compatible
with TTL/CMOS levels. Refer to Truth Table.
VCC0 (Pin 6): Logic input that controls the state of the
MOSFET gate driver DRV3. ESD protection device limits
input excursions to 0.6V below ground.
VCC1 (Pin 7): Logic input that controls the state of the
MOSFET gate driver DRV5. ESD protection device limits
input excursions to 0.6V below ground.
DRV5, DRV3 (Pins 8, 9): Gate driver outputs that control
the external MOSFETs that switch the VCC pin of card slot
to Hi-Z, 3.3V, or 5V.
VDD (Pin 10): Positive Supply, 4.5V ≤ VDD ≤ 5.5V. This pin
supplies the power to the control logic and the charge
pumps and must be continuously powered.
GND (Pin 11): Ground Connection.
VPPOUT (Pin 12): Switched output that provides 0V, 3.3V,
5V, 12V, or Hi-Z to the VPP pin of the card slot. Refer to
Truth Table.
NC (Pin 13): Not Connected.
VCCIN (Pin 14): 5V or 3.3V Power Input.
IDD vs VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com